Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 26 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices AD9559PCBZ Datasheet HTML 26Page - Analog Devices AD9559PCBZ Datasheet HTML 27Page - Analog Devices AD9559PCBZ Datasheet HTML 28Page - Analog Devices AD9559PCBZ Datasheet HTML 29Page - Analog Devices AD9559PCBZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 26 of 120
INPUT/OUTPUT TERMINATION RECOMMENDATIONS
AD9559
HSTL OR
LVDS
DOWNSTREAM
DEVICE
WITH HIGH
IMPEDANCE
INPUT AND
INTERNAL
DC BIAS
0.1µF
0.1µF
100Ω
Z0 = 50Ω
Z0 = 50Ω
SINGLE-ENDED
(NOT COUPLED)
Figure 29. AC-Coupled LVDS or HSTL Output Driver
(100 Ω resistor can be placed on either side of decoupling capacitors
and should be as close to the destination receiver as possible.)
AD9559
HSTL OR
LVDS
Z0 = 50Ω
Z0 = 50Ω
SINGLE-ENDED
(NOT COUPLED)
LVDS OR 1.8V HSTL
HIGH IMPEDANCE
DIFFERENTIAL
RECEIVER
100Ω
Figure 30. DC-Coupled LVDS or HSTL Output Driver
SINGLE-ENDED
(NOT COUPLED)
VS = 3.3V
3.3V
LVPECL
82Ω
82Ω
127Ω
127Ω
0.1µF
0.1µF
AD9559
1.8V
HSTL
Z0 = 50Ω
Z0 = 50Ω
Figure 31. Interfacing the HSTL Driver to a 3.3 V LVPECL Input
(This method incorporates impedance matching and dc-biasing for bipolar
LVPECL receivers. If the receiver is self-biased, the termination scheme shown in
Figure 29 is recommended.)
XOA
XOB
AD9559
10MHz TO 50MHz FUNDAMENTAL
AT-CUT CRYSTAL WITH
10pF LOAD CAPACITANCE
10pF
10pF
Figure 32. System Clock Input (XOA/XOB) in Crystal Mode
(The recommended CLOAD = 10 pF is shown. The values of 10 pF shunt capacitors
shown here should equal the CLOAD of the crystal.)
XOA
300Ω
150Ω
0.1µF
XOB
AD9559
3.3V
CMOS
TCXO
0.1µF
Figure 33. System Clock Input (XOA, XOB)
When Using a TCXO/OCXO with 3.3 V CMOS Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com