Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 98 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices AD9559PCBZ Datasheet HTML 98Page - Analog Devices AD9559PCBZ Datasheet HTML 99Page - Analog Devices AD9559PCBZ Datasheet HTML 100Page - Analog Devices AD9559PCBZ Datasheet HTML 101Page - Analog Devices AD9559PCBZ Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 98 of 120
DPLL_1 SETTINGS FOR REFERENCE INPUT A (REFA) (REGISTER 0x055A TO REGISTER 0x0566)
Table 133. DPLL_1 REFA Priority Setting
Address
Bits
Bit Name
Description
0x055A
[7:3]
Reserved
Default: 00000b.
[2:1]
REFA priority
These bits set the priority level (0 to 3) of REFA relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFA
This bit enables DPLL_1 to lock to REFA.
0 (default) = REFA is not enabled for use by DPLL_1.
1 = REFA is enabled for use by DPLL_1.
Table 134. DPLL_1 REFA Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x055B
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x055C
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x055B and Register 0x0555C = 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency divided
by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal is used
for the system clock. See the Choosing the SYSCLK Source section for details.
0x055D
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BW ≤ 2 kHz. Setting this bit
is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 135. DPLL_1 REFA Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x055E
[7:0]
Integer Part N1
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB).
0x055F
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07).
0x0560
[7:1]
Reserved
Default: 0x00.
0
Integer Part N1
DPLL integer feedback divider, Bit 16 (default: 0b).
The default for Register 0x055E to Register 0x0560: 0x007CB (which equals N1 = 1996).
Table 136. DPLL_1 REFA Fractional Part of Fractional Feedback Divider FRAC1
Address
Bits
Bit Name
Description
0x0561
[7:0]
Digital PLL fractional
feedback divider—FRAC1
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x0562
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0563
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)
Table 137. DPLL_1 REFA Modulus of Fractional Feedback Divider MOD1
Address
Bits
Bit Name
Description
0x0564
[7:0]
Digital PLL feedback divider
modulus—MOD1
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x0565
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0566
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com