Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 72Page - Analog Devices AD9559PCBZ Datasheet HTML 73Page - Analog Devices AD9559PCBZ Datasheet HTML 74Page - Analog Devices AD9559PCBZ Datasheet HTML 75Page - Analog Devices AD9559PCBZ Datasheet HTML 76Page - Analog Devices AD9559PCBZ Datasheet HTML 77Page - Analog Devices AD9559PCBZ Datasheet HTML 78Page - Analog Devices AD9559PCBZ Datasheet HTML 79Page - Analog Devices AD9559PCBZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 76 of 120
SYSTEM CLOCK (REGISTER 0x0200 TO REGISTER 0x0207)
Table 45. System Clock PLL Feedback Divider (K Divider) and Configuration
Address
Bits
Bit Name
Description
0x0200
[7:0]
System clock K divider
System clock PLL feedback divider value = 4 ≤ K ≤ 255 (default: 0x08).
Table 46. SYSCLK Configuration
Address
Bits
Bit Name
Description
0x0201
[7:4]
Reserved
Reserved.
4
SYSCLK XTAL enable
Enables the crystal maintaining amplifier for the system clock input.
1 (default) = crystal mode (crystal maintaining amplifier enabled).
0 = external crystal oscillator or other system clock source.
[2:1]
SYSCLK J1 divider
System clock input divider.
00 (default) = 1.
01 = 2.
10 = 4.
11 = 8.
0
SYSCLK doubler enable
(J0 divider)
Enables the clock doubler on system clock input to reduce noise. Setting this bit
may prevent the SYSCLK PLL from locking if the input duty cycle is not close
enough to 50%. See Table 4 for the limits on duty cycle.
0 = disable.
1 (default) = enable.
Table 47. Nominal System Clock Period
Address
Bits
Bit Name
Description
0x0202
[7:0]
Nominal system clock period (fs)
System clock period, Bits[7:0]. This is the period of the system clock.
Default: 0x0E. [The default of 0x13670E = 1.271566 ns = 16 × (1/49.152 MHz).]
0x0203
[7:0]
System clock period, Bits[15:8].
Default: 0x67.
0x0204
[7:5]
Reserved
Default: 0x13.
[4:0]
Nominal system clock period (fs)
System clock period, Bits[20:16].
Default: 0x13.
Table 48. System Clock Stability Period
Address
Bits
Bit Name
Description
0x0205
[7:0]
System clock stability period (ms)
System clock period, Bits[7:0]. The system clock stability period is the amount of
time that the system clock PLL must be locked before it is declared stable. The system
clock stability timer is reset automatically if the user writes to this register. The
system clock stability timer restarts on the next IO_UPDATE (Register 0x0005 = 0x01).
Default: 0x32 (0x000032 = 50 ms).
0x0206
[7:0]
System clock period, Bits[15:8]. The system clock stability timer is reset
automatically if the user writes to this register. The system clock stability timer
restarts on the next IO_UPDATE (Register 0x0005 = 0x01).
Default: 0x00.
0x0207
[7:5]
Reserved
Default: 0x0.
[3:0]
System clock stability period
System clock period, Bits[19:16]. The system clock stability timer is reset
automatically if the user writes to this register. The system clock stability timer
restarts on the next IO_UPDATE (Register 0x0005 = 0x01).
Default: 0x0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com