Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 88 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 88 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 84Page - Analog Devices AD9559PCBZ Datasheet HTML 85Page - Analog Devices AD9559PCBZ Datasheet HTML 86Page - Analog Devices AD9559PCBZ Datasheet HTML 87Page - Analog Devices AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 88 of 120
Table 92. DPLL_0 REFA Modulus of Fractional Feedback Divider MOD0
Address
Bits
Bit Name
Description
0x044A
[7:0]
Digital PLL feedback divider
modulus—MOD0
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x044B
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x044C
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)
DPLL_0 SETTINGS FOR REFERENCE INPUT B (REFB) (REGISTER 0x044D TO REGISTER 0x0459)
Table 93. DPLL_0 REFB Priority Setting
Address
Bits
Bit Name
Description
0x044D
[7:3]
Reserved
Default: 00000b.
[2:1]
REFB priority
These bits set the priority level (0 to 3) of REFB relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFB
This bit enables DPLL_0 to lock to REFB.
0 = REFB is not enabled for use by DPLL_0.
1 (default) = REFB is enabled for use by DPLL_0.
Table 94. DPLL_0 REFB Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x044E
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x044F
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x044E and Register 0x044F = 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency
divided by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal
is used for the system clock. See the Choosing the SYSCLK Source section for details.
0x0450
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BWs ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 95. DPLL_0 REFB Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x0451
[7:0]
Integer Part N0
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB)
0x0452
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07)
0x0453
[7:1]
Reserved
Default: 0x00
0
Integer Part N0
DPLL integer feedback divider, Bit 17 (default: 0b)
Default for Register 0x0451 to Register 0x453: 0x007CB (which equals N1 = 1996)
Table 96. DPLL_0 REFB Fractional Part of Fractional Feedback Divider—FRAC0
Address
Bits
Bit Name
Description
0x0454
[7:0]
Digital PLL fractional
feedback divider—FRAC0
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x0455
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0456
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)
Table 97. DPLL_0 REFB Modulus of Fractional Feedback Divider—MOD0
Address
Bits
Bit Name
Description
0x0457
[7:0]
Digital PLL feedback divider
modulus—MOD0
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x0458
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0459
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com