Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 17Page - Analog Devices AD9559PCBZ Datasheet HTML 18Page - Analog Devices AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 21 of 120
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 335fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–82
100Hz
–90
1kHz
–96
10kHz
–119
100kHz
–128
1MHz
–143
10MHz
–152
FLOOR
–158
Figure 6. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 174.703 MHz,
DPLL Loop BW = 1 kHz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 309fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–84
100Hz
–93
1kHz
–116
10kHz
–125
100kHz
–130
1MHz
–144
10MHz
–152
FLOOR
–158
Figure 7. Absolute Phase Noise (Output Driver = 3.3.V CMOS),
fR = 19.44 MHz, fOUT = 161.1328125 MHz,
DPLL Loop BW = 100 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 321fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–61
100Hz
–69
1kHz
–108
10kHz
–127
100kHz
–132
1MHz
–146
10MHz
–153
Figure 8. Absolute Phase Noise (Output Driver = HSTL),
fR = 2 kHz, fOUT = 125 MHz,
DPLL Loop BW = 100 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 331fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–70
100Hz
–75
1kHz
–86
10kHz
–108
100kHz
–112
1MHz
–129
10MHz
–142
FLOOR
–152
Figure 9. Absolute Phase Noise (Output Driver = HSTL),
fR = 25 MHz, fOUT = 1 GHz,
DPLL Loop BW = 500 Hz, fSYS = 49.152 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com