Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 10Page - Analog Devices AD9559PCBZ Datasheet HTML 11Page - Analog Devices AD9559PCBZ Datasheet HTML 12Page - Analog Devices AD9559PCBZ Datasheet HTML 13Page - Analog Devices AD9559PCBZ Datasheet HTML 14Page - Analog Devices AD9559PCBZ Datasheet HTML 15Page - Analog Devices AD9559PCBZ Datasheet HTML 16Page - Analog Devices AD9559PCBZ Datasheet HTML 17Page - Analog Devices AD9559PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 14 of 120
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
fREF = 2 kHz; fOUT = 70.656 MHz; fLOOP = 100 Hz;
HSTL Driver,
3.3 V CMOS Driver
Bandwidth: 10Hz to 30 MHz
6.5
ps rms
Bandwidth: 5 kHz to 20 MHz
343
fs rms
Bandwidth: 12 kHz to 20 MHz
335
fs rms
Bandwidth: 10 kHz to 400 kHz
243
fs rms
Bandwidth: 100 kHz to 10 MHz
256
fs rms
fREF = 25 MHz; fOUT = 1 GHz; fLOOP = 500 Hz;
HSTL Driver
Bandwidth: 100 Hz to 500 MHz (Broadband)
881
fs rms
Bandwidth: 12 kHz to 20 MHz
331
fs rms
Bandwidth: 20 kHz to 80 MHz
330
fs rms
Jitter Generation (Random Jitter)—19.2 MHz TCXO for System Clock Input
Table 19.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
JITTER GENERATION
System clock doubler enabled.
High phase margin mode enabled.
Both PLLs are running with same output frequency.
In cases where the two PLLs have different jitter, the
higher jitter is listed. Where two driver types are listed,
both were tested at those conditions; the driver type
with higher jitter is quoted, although there is usually
not a significant jitter difference between driver types.
fREF = 19.44 MHz; fOUT = 644.53 MHz; fLOOP = 10 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
380
fs rms
Bandwidth: 12 kHz to 20 MHz
373
fs rms
Bandwidth: 20 kHz to 80 MHz
373
fs rms
Bandwidth: 50 kHz to 80 MHz
348
fs rms
Bandwidth: 16 MHz to 320 MHz
148
fs rms
fREF = 19.44 MHz; fOUT = 693.48 MHz; fLOOP = 10 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
390
fs rms
Bandwidth: 12 kHz to 20 MHz
383
fs rms
Bandwidth: 20 kHz to 80 MHz
382
fs rms
Bandwidth: 50 kHz to 80 MHz
350
fs rms
Bandwidth: 16 MHz to 320 MHz
144
fs rms
fREF = 19.44 MHz; fOUT = 312.5 MHz; fLOOP = 10 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
398
fs rms
Bandwidth: 12 kHz to 20 MHz
392
fs rms
Bandwidth: 20 kHz to 80 MHz
400
fs rms
Bandwidth: 50 kHz to 80 MHz
379
fs rms
Bandwidth: 4 MHz to 80 MHz
172
fs rms
fREF = 25 MHz; fOUT = 161.1328 MHz; fLOOP = 10 Hz;
HSTL Driver
Bandwidth: 5 kHz to 20 MHz
384
fs rms
Bandwidth: 12 kHz to 20 MHz
378
fs rms
Bandwidth: 20 kHz to 80 MHz
416
fs rms
Bandwidth: 50 kHz to 80 MHz
396
fs rms
Bandwidth: 4 MHz to 80 MHz
223
fs rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com