Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 62 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 62 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 58Page - Analog Devices AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices AD9559PCBZ Datasheet HTML 61Page - Analog Devices AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices AD9559PCBZ Datasheet HTML 65Page - Analog Devices AD9559PCBZ Datasheet HTML 66Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 62 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x036F
W0
REFD
validation
Validation timer (ms), Bits[7:0] (up to 65.5 sec)
0x0A
0x0370
W0
Validation timer (ms), Bits[15:8] (up to 65.5 sec)
0x00
0x0371
W1
REFD
phase lock
detector
Phase lock threshold (ps), Bits[7:0]
0xBC
0x0372
W1
Phase lock threshold (ps), Bits[15:8]
0x02
0x0373
W1
Phase lock threshold (ps), Bits [23:16]
0x00
0x0374
W1
Phase lock fill rate, Bits[7:0]
0x0A
0x0375
W1
Phase lock drain rate, Bits[7:0]
0x0A
0x0376
W1
REFD
frequency
lock
detector
Frequency lock threshold, Bits[7:0]
0xBC
0x0377
W1
Frequency lock threshold, Bits[15:8]
0x02
0x0378
W1
Frequency lock threshold, Bits[23:16]
0x00
0x0379
W1
Frequency lock fill rate, Bits[7:0]
0x0A
0x037A
W1
Frequency lock drain rate, Bits[7:0]
0x0A
DPLL_0 General Settings
0x0400
DPLL_0
free run
frequency
TW
30-bit free running frequency tuning word, Bits[7:0]
0x12
0x0401
30-bit free running frequency tuning word, Bits[15:8]
0x15
0x0402
30-bit free running frequency tuning word, Bits[23:16]
0x64
0x0403
Reserved
30-bit free running frequency tuning word, Bits[29:24]
0x1B
0x0404
DCO_0
control
Reserved
Digital oscillator SDM integer part, Bits[3:0]
0x08
0x0405
DPLL_0
frequency
clamp
Lower limit of pull-in range, Bits[7:0]
0x51
0x0406
Lower limit of pull-in range, Bits[15:8]
0xB8
0x0407
Reserved
Lower limit of pull-in range, Bits[19:16]
0x02
0x0408
Upper limit of pull-in range, Bits[7:0]
0x3E
0x0409
Upper limit of pull-in range, Bits[15:8]
0x0A
0x040A
Reserved
Upper limit of pull-in range, Bits[19:16]
0x0B
0x040B
DPLL_0
holdover
history
History accumulation timer (ms), Bits[7:0] (up to 65 sec)
0x0A
0x040C
History accumulation timer (ms), Bits[15:8] (up to 65 sec)
0x00
0x040D
DPLL_0
history
mode
Reserved
Single
sample
fallback
Persistent
history
Incremental average
0x00
0x040E
DPLL_0
closed loop
phase
offset
(±0.5 ms)
Fixed phase offset (signed; ps), Bits[7:0]
0x00
0x040F
Fixed phase offset (signed; ps), Bits[15:8]
0x00
0x0410
Fixed phase offset (signed; ps), Bits[23:16]
0x00
0x0411
Reserved
Fixed phase offset (signed; ps), Bits[29:24]
0x00
0x0412
Incremental phase offset step size (ps/step), Bits[7:0] (up to 65.5 ns/step)
0x00
0x0413
Incremental phase offset step size (ps/step), Bits[15:8] (up to 65.5 ns/step)
0x00
0x0414
DPLL_0
phase
slew limit
Phase slew rate limit (µs/sec), Bits[7:0] (315 µs/sec up to 65.536 ms/sec)
0x00
0x0415
Phase slew rate Limit (µs/sec), Bits[15:8] (315 µs/sec up to 65.536 ms/sec)
0x00
Output PLL_0 (APLL_0) and Channel 0 Output Drivers
0x0420
APLL_0
charge
pump
Output PLL0 (APLL_0) charge pump current, Bits[7:0]
0x81
0x0421
APLL_0
M0 divider
Output PLL0 (APLL_0) feedback (M0) divider, Bits[7:0]
0x14
0x0422
APLL_0
loop filter
control
APLL_0 loop filter control, Bits[7:0]
0x07
0x0423
Reserved
Bypass
internal
Rzero
0x00
0x0424
P0 divider
Reserved
P0 divider divide ratio, Bits[3:0]
0x04
0x0425
OUT0 sync
Reserved
Sync source
selection
Auto sync mode
0x00
0x0426
Reserved
APLL_0
locked
controlled
sync disable
Mask
OUT0B
sync
Mask
OUT0A
sync
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com