Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 57Page - Analog Devices AD9559PCBZ Datasheet HTML 58Page - Analog Devices AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices AD9559PCBZ Datasheet HTML 61Page - Analog Devices AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices AD9559PCBZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 61 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x032F
W0
REFB
validation
Validation timer (ms), Bits[7:0] (up to 65.5 sec)
0x0A
0x0330
W0
Validation timer (ms), Bits[15:8] (up to 65.5 sec)
0x00
0x0331
W1
REFB
phase lock
detector
Phase lock threshold (ps), Bits[7:0]
0xBC
0x0332
W1
Phase lock threshold (ps), Bits[15:8]
0x02
0x0333
W1
Phase lock threshold (ps), Bits [23:16]
0x00
0x0334
W1
Phase lock fill rate, Bits[7:0]
0x0A
0x0335
W1
Phase lock drain rate, Bits[7:0]
0x0A
0x0336
W1
REFB
frequency
lock
detector
Frequency lock threshold, Bits[7:0]
0xBC
0x0337
W1
Frequency lock threshold, Bits[15:8]
0x02
0x0338
W1
Frequency lock threshold, Bits[23:16]
0x00
0x0339
W1
Frequency lock fill rate, Bits[7:0]
0x0A
0x033A
W1
Frequency lock drain rate, Bits[7:0]
0x0A
Reference Input C
0x0340
REFC
logic type
Reserved
Enable REFC
divide-by-2
Reserved
REFC logic type, Bits[1:0]
0x00
0x0341
REFC
R divider
(20 bits)
R divider, Bits[7:0]
0xCF
0x0342
R divider, Bits[15:8]
0x00
0x0343
Reserved
R divider, Bits[19:16]
0x00
0x0344
W0
REFC
period
(up to
1.1 ms)
Nominal period (fs), Bits[7:0] (default: 51.44 ns =1/(19.44 MHz) for default system clock setting)
0xC9
0x0345
W0
Nominal period (fs), Bits[15:8]
0xEA
0x0346
W0
Nominal period (fs), Bits[23:16]
0x10
0x0347
W0
Nominal period (fs), Bits[31:24]
0x03
0x0348
W0
Nominal period (fs), Bits[39:32]
0x00
0x0349
W0
REFC
frequency
tolerance
Inner tolerance (1 ÷ ppm), Bits[7:0] (for unlock to lock condition; max: 10%, min: 2 ppm) (default: 5%)
0x14
0x034A
W0
Inner tolerance (1 ÷ ppm), Bits[15:8] (for unlock to lock condition; max: 10%, min: 2 ppm)
0x00
0x034B
W0
Reserved
Inner tolerance, Bits[19:16]
0x00
0x034C
W0
Outer tolerance (1 ÷ ppm), Bits[7:0] (for lock to unlock; max: 10%, min: 2 ppm) (default: 10%)
0x0A
0x034D
W0
Outer tolerance (1 ÷ ppm), Bits[15:8] (for lock to unlock; max: 10%, min: 2 ppm)
0x00
0x034E
W0
Reserved
Outer tolerance, Bits[19:16]
0x00
0x034F
W0
REFC
validation
Validation timer (ms), Bits[7:0] (up to 65.5 sec)
0x0A
0x0350
W0
Validation timer (ms), Bits[15:8] (up to 65.5 sec)
0x00
0x0351
W1
REFC
phase lock
detector
Phase lock threshold (ps), Bits[7:0]
0xBC
0x0352
W1
Phase lock threshold (ps), Bits[15:8]
0x02
0x0353
W1
Phase lock threshold (ps), Bits [23:16]
0x00
0x0354
W1
Phase lock fill rate, Bits[7:0]
0x0A
0x0355
W1
Phase lock drain rate, Bits[7:0]
0x0A
0x0356
W1
REFC
frequency
lock
detector
Frequency lock threshold, Bits[7:0]
0xBC
0x0357
W1
Frequency lock threshold, Bits[15:8]
0x02
0x0358
W1
Frequency lock threshold, Bits[23:16]
0x00
0x0359
W1
Frequency lock fill rate, Bits[7:0]
0x0A
0x035A
W1
Frequency lock drain rate, Bits[7:0]
0x0A
Reference Input D
0x0360
REFD
logic type
Reserved
Enable REFD
divide-by-2
Reserved
REFD logic type, Bits[1:0]
0x00
0x0361
REFD
R divider
(20 bits)
R divider, Bits[7:0]
0xCF
0x0362
R divider, Bits[15:8]
0x00
0x0363
Reserved
R divider, Bits[19:16]
0x00
0x0364
W0
REFD
period
(up to
1.1 ms)
Nominal period (fs), Bits[7:0] (default: 51.44 ns =1/(19.44 MHz) for default system clock setting)
0xC9
0x0365
W0
Nominal period (fs), Bits[15:8]
0xEA
0x0366
W0
Nominal period (fs), Bits[23:16]
0x10
0x0367
W0
Nominal period (fs), Bits[31:24]
0x03
0x0368
W0
Nominal period (fs), Bits[39:32]
0x00
0x0369
W0
REFD
frequency
tolerance
Inner tolerance (1 ÷ ppm), Bits[7:0] (for unlock to lock condition; max: 10%, min: 2 ppm) (default: 5%)
0x14
0x036A
W0
Inner tolerance (1 ÷ ppm), Bits[15:8] (for unlock to lock condition; max: 10%, min: 2 ppm)
0x00
0x036B
W0
Reserved
Inner tolerance, Bits[19:16]
0x00
0x036C
W0
Outer tolerance (1 ÷ ppm), Bits[7:0] (for lock to unlock; max: 10%, min: 2 ppm) (default: 10%)
0x0A
0x036D
W0
Outer tolerance (1 ÷ ppm), Bits[15:8] (for lock to unlock; max: 10%, min: 2 ppm)
0x00
0x036E
W0
Reserved
Outer tolerance, Bits[19:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com