| Electronic Components Datasheet Search |
|
AD9559PCBZ Datasheet(PDF) 54 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9559PCBZ Datasheet(HTML) 54 Page - Analog Devices |
|
54 / 120 page ![]() AD9559 Data Sheet Rev. 0 | Page 54 of 120 When all the data bytes are read or written, stop conditions are established. In write mode, the master (transmitter) asserts a stop condition to end data transfer during the 10th clock pulse following the acknowledge bit for the last data byte from the slave device (receiver). In read mode, the master device (receiver) receives the last data byte from the slave device (transmitter) but does not pull SDA low during the ninth clock pulse. This is known as a nonacknowledge bit. By receiving the nonacknowledge bit, the slave device knows that the data transfer is finished and enters idle mode. The master then takes the data line low during the low period before the 10th clock pulse, and high during the 10th clock pulse to assert a stop condition. A start condition can be used in place of a stop condition. Furthermore, a start or stop condition can occur at any time, and partially transferred bytes are discarded. SDA START CONDITION STOP CONDITION SCL S P Figure 52. Start and Stop Conditions 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 SDA SCL S MSB ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER P Figure 53. Acknowledge Bit 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 ACK FROM SLAVE RECEIVER ACK FROM SLAVE RECEIVER SDA SCL S MSB P Figure 54. Data Transfer Process (Master Write Mode, 2-Byte Transfer) 1 2 8 9 1 2 3 TO 7 3 TO 7 8 9 10 ACK FROM MASTER RECEIVER NONACK FROM MASTER RECEIVER SDA SCL S P Figure 55. Data Transfer Process (Master Read Mode, 2-Byte Transfer) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |