Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 78 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 78 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 74Page - Analog Devices AD9559PCBZ Datasheet HTML 75Page - Analog Devices AD9559PCBZ Datasheet HTML 76Page - Analog Devices AD9559PCBZ Datasheet HTML 77Page - Analog Devices AD9559PCBZ Datasheet HTML 78Page - Analog Devices AD9559PCBZ Datasheet HTML 79Page - Analog Devices AD9559PCBZ Datasheet HTML 80Page - Analog Devices AD9559PCBZ Datasheet HTML 81Page - Analog Devices AD9559PCBZ Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 78 of 120
Table 53. REFA Validation Timer
Address
Bits
Bit Name
Description
0x030F
[7:0]
Validation timer (ms)
Validation timer, Bits[7:0] (default: 0x0A).
This is the amount of time a reference input must be valid before it is declared valid by the
reference input monitor (default: 10 ms).
0x0310
[7:0]
Validation timer, Bits[15:8] (default: 0x00).
Table 54. REFA Lock Detectors
Address
Bits
Bit Name
Description
0x0311
[7:0]
Phase lock threshold
Phase lock threshold, Bits[7:0] (default: 0xBC); default of 0x02BC = 700 ps
0x0312
[7:0]
Phase lock threshold, Bits[15:8] (default: 0x02)
0x0313
[7:0]
Phase lock threshold, Bits[23:16] (default: 0x00)
0x0314
[7:0]
Phase lock fill rate
Phase lock fill rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
0x0315
[7:0]
Phase lock drain rate
Phase lock drain rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
0x0316
[7:0]
Frequency lock threshold
Frequency lock threshold, Bits[7:0] (default: 0xBC); default of 0x02BC = 700 ps
0x0317
[7:0]
Frequency lock threshold, Bits[15:8] (default: 0x02)
0x0318
[7:0]
Frequency lock threshold, Bits[23:16] (default: 0x00)
0x0319
[7:0]
Frequency lock fill rate
Frequency lock fill rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
0x031A
[7:0]
Frequency lock drain rate
Frequency lock drain rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
REFERENCE INPUT B (REGISTER 0x0320 TO REGISTER 0x033A)
Table 55. REFB Logic Type
Address
Bits
Bit Name
Description
0x0320
[7:4]
Reserved
Default: 0x0
3
Enable REFB divide-by-2
Enables the reference input divide-by-2 for REFB
0 = bypasses the divide-by-2 (default)
1 = enables the divide-by-2
2
Reserved
Default: 0b
[1:0]
REFB logic type
Selects logic family for REFB input receiver; only the REFB pin is used in CMOS mode
00 (default) = differential
01 = 1.2 V to 1.5 V CMOS
10 = 1.8 V to 2.5 V CMOS
11 = 3.0 V to 3.3 V CMOS
Table 56. REFB 20-Bit DPLL R Divider
Address
Bits
Bit Name
Description
0x0321
[7:0]
R divider
DPLL integer reference divider (minus 1), Bits[7:0] (default: 0xCF)
0x0322
[7:0]
DPLL integer reference divider (minus 1), Bits[15:8] (default: 0x00)
0x0323
[7:4]
Reserved
Default: 0x0
[3:0]
R divider
DPLL integer reference divider (minus 1), Bits[19:16] (default: 0x0)
Table 57. Nominal Period of REFB Input Clock
Address
Bits
Bit Name
Description
0x0324
[7:0]
REFB nominal
reference period (fs)
Nominal reference period, Bits[7:0] (default: 0xC9).
0x0325
[7:0]
Nominal reference period, Bits[15:8] (default: 0xEA).
0x0326
[7:0]
Nominal reference period, Bits[23:16] (default: 0x10).
0x0327
[7:0]
Nominal reference period, Bits[31:24] (default: 0x03).
0x0328
[7:0]
Nominal reference period, Bits[39:32] (default: 0x00).
Default for Register 0x0324 to Register 0x0328: 0x000310EAC9 = 51.44 ns (1/19.44 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com