Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 36 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 36 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 32Page - Analog Devices AD9559PCBZ Datasheet HTML 33Page - Analog Devices AD9559PCBZ Datasheet HTML 34Page - Analog Devices AD9559PCBZ Datasheet HTML 35Page - Analog Devices AD9559PCBZ Datasheet HTML 36Page - Analog Devices AD9559PCBZ Datasheet HTML 37Page - Analog Devices AD9559PCBZ Datasheet HTML 38Page - Analog Devices AD9559PCBZ Datasheet HTML 39Page - Analog Devices AD9559PCBZ Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 36 of 120
During any given PFD phase error sample, the detector either adds
water with the fill bucket or removes water with the drain bucket
(one or the other but not both). The decision of whether to add
or remove water depends on the threshold level specified by the
user. The phase lock threshold value is a 24-bit number stored in
the profile registers and is expressed in picoseconds. Thus, the
phase lock threshold extends from 0 ns to ±65.535 ns and repre-
sents the magnitude of the phase error at the output of the PFD.
The phase lock detector compares each phase error sample at the
output of the PFD to the programmed phase threshold value. If
the absolute value of the phase error sample is less than or equal
to the programmed phase threshold value, the detector control
logic dumps one fill bucket into the tub. Otherwise, it removes
one drain bucket from the tub. Note that it is the magnitude,
relative to the phase threshold value, that determines whether
to fill or drain, and not the polarity of the phase error sample.
If more filling is taking place than draining, the water level in
the tub eventually rises above the high water mark (+1024), which
causes the phase lock detector to indicate lock. If more draining is
taking place than filling, the water level in the tub eventually
falls below the low water mark (−1024), which causes the phase
lock detector to indicate unlock. The ability to specify the threshold
level, fill rate, and drain rate enables the user to tailor the operation
of the phase lock detector to the statistics of the timing jitter
associated with the input reference signal.
Note that whenever the AD9559 enters the free run or holdover
mode, the DPLL phase lock detector indicates an unlocked
state. However, when the AD9559 performs a reference switch,
the state of the lock detector prior to the switch is preserved
during the transition period.
DPLL Frequency Lock Detector
The operation of the frequency lock detector is identical to that
of the phase lock detector. The only difference is that the fill or
drain decision is based on the period deviation between the
reference and feedback signals of the DPLL instead of the phase
error at the output of the PFD.
The frequency lock detector uses a 24-bit frequency threshold
register specified in units of picoseconds. Thus, the frequency
threshold value extends from 0 μs to ±16.777215 μs. It represents
the magnitude of the difference in period between the reference
and feedback signals at the input to the DPLL. For example,
if the divided down reference signal is 80 kHz and the feedback
signal is 79.32 kHz, the period difference is approximately
75.36 ns (|1/80,000 − 1/79,320| ≈ 107.16 ns).
Frequency Clamp
The AD9559 digital PLL features a digital tuning word clamp
that ensures that the digital PLL output frequency stays within a
defined range. This feature is very useful to eliminate
undesirable behavior in cases where the reference input clocks
may be unpredictable. The tuning word clamp is also useful to
guarantee that the APLL never loses lock by ensuring that the
APLL VCO frequency stays within its tuning range.
Frequency Tuning Word History
The AD9559 has the ability to track the history of the tuning
word samples generated by the DPLL digital loop filter output.
It does so by periodically computing the average tuning word
value over a user-specified interval. This average tuning word is
used during holdover mode to maintain the average frequency
when no input references are present.
LOOP CONTROL STATE MACHINE
Switchover
Switchover occurs when the loop controller switches directly
from one input reference to another. The AD9559 handles a
reference switchover by briefly entering holdover mode, loading
the new DPLL parameters, and then immediately recovering.
During the switchover event, however, the AD9559 preserves
the status of the lock detectors to avoid phantom unlock
indications.
Holdover
The holdover state of the DPLL is typically used when none of
the input references are present, although the user can also
manually engage holdover mode. In holdover mode, the output
frequency remains constant. The accuracy of the AD9559 in
holdover mode is dependent on the device programming and
availability of tuning word history.
Recovery from Holdover
When in holdover and a valid reference becomes available, the
device exits holdover operation. The loop state machine restores
the DPLL to closed-loop operation, locks to the selected reference,
and sequences the recovery of all the loop parameters based on
the profile settings for the active reference.
Note that, if the user holdover bit is set, the device does not
automatically exit holdover when a valid reference is available.
However, automatic recovery can occur after clearing the user
holdover bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com