Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 94 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 94 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices AD9559PCBZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 94 of 120
PLL_1 OUTPUT SYNC AND CLOCK DISTRIBUTION (REGISTER 0x0524 TO REGISTER 0x052E)
Table 117. APLL_1 P1 Divider Settings
Address
Bits
Bit Name
Description
0x0524
[7:4]
Reserved
Default: 0x0
[3:0]
P1 divider divide ratio
0000/0001 = 3
0010 = 4
0011 = 5
0100 = 6 (default)
0101 = 7
0110 = 8
0111 = 9
1000 = 10
1001 = 11
Table 118. Distribution Output Synchronization Settings
Address
Bits
Bit Name
Description
0x0525
[7:3]
Reserved
Default: 00000b.
2
Sync source selection
Selects the sync source for the clock distribution output channels.
0 (default) = direct.
1 = active reference.
[1:0]
Automatic sync mode
Automatic sync mode.
00 (default) = disabled.
01 = sync on DPLL frequency lock.
10 = sync on DPLL phase lock.
11 = reserved.
0x0526
[7:3]
Reserved
Default: 00000b.
2
APLL_1 locked
controlled sync disable
0 (default) = the clock distribution SYNC function is not enabled until APLL_1 has been
calibrated and is locked. After APLL calibration and lock, the output clock distribution sync is
armed, and the SYNC function for the clock outputs is under the control of Register 0x0525.
1 = overrides the lock detector state of the APLL; allows Register 0x0525 to control the output
SYNC function regardless of the APLL lock status.
1
Mask OUT1B sync
Masks the synchronous reset to the OUT1B divider.
0 (default) = unmasked.
1 = masked. Setting this bit asynchronously releases the OUT1B divider from the static SYNC
state, thus allowing the OUT1B divider to toggle. OUT1B ignores all SYNC events while this bit
is set. Setting this bit does not enable the output drivers connected to this channel.
0
Mask OUT1A sync
Masks the synchronous reset to the OUT1A divider.
0 (default) = unmasked.
1 = masked. Setting this bit asynchronously releases the OUT1A divider from the static SYNC
state, thus allowing the OUT1A divider to toggle. OUT1A ignores all SYNC events while this bit
is set. Setting this bit does not enable the output drivers connected to this channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com