Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 78Page - Analog Devices AD9559PCBZ Datasheet HTML 79Page - Analog Devices AD9559PCBZ Datasheet HTML 80Page - Analog Devices AD9559PCBZ Datasheet HTML 81Page - Analog Devices AD9559PCBZ Datasheet HTML 82Page - Analog Devices AD9559PCBZ Datasheet HTML 83Page - Analog Devices AD9559PCBZ Datasheet HTML 84Page - Analog Devices AD9559PCBZ Datasheet HTML 85Page - Analog Devices AD9559PCBZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 82 of 120
Table 72. REFD Lock Detectors
Address
Bits
Bit Name
Description
0x0371
[7:0]
Phase lock threshold
Phase lock threshold, Bits[7:0] (default: 0xBC); default of 0x02BC = 700 ps
0x0372
[7:0]
Phase lock threshold, Bits[15:8] (default: 0x02)
0x0373
[7:0]
Phase lock threshold, Bits[23:16] (default: 0x00)
0x0374
[7:0]
Phase lock fill rate
Phase lock fill rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
0x0375
[7:0]
Phase lock drain rate
Phase lock drain rate, Bits[7:0] (default: 0x0A=10 code/PFD cycle)
0x0376
[7:0]
Frequency lock threshold
Frequency lock threshold, Bits[7:0] (default: 0xBC); default of 0x02BC = 700 ps
0x0377
[7:0]
Frequency lock threshold, Bits[15:8] (default: 0x02)
0x0378
[7:0]
Frequency lock threshold, Bits[23:16] (default: 0x00)
0x0379
[7:0]
Frequency lock fill rate
Frequency lock fill rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
0x037A
[7:0]
Frequency lock drain rate
Frequency lock drain rate, Bits[7:0] (default: 0x0A = 10 code/PFD cycle)
DPLL_0 CONTROLS (REGISTER 0x0400 TO REGISTER 0x0415)
Table 73. DPLL_0 Free Run Frequency Tuning Word
Address
Bits
Bit Name
Description
0x0400
[7:0]
30-bit free running
frequency tuning word
Free running frequency tuning word, Bits[7:0]; default: 0x12
0x0401
[7:0]
Free running frequency tuning word, Bits[15:8]; default: 0x15
0x0402
[7:0]
Free running frequency tuning word, Bits[23:16]; default: 0x64
0x0403
[7:6]
Reserved
Default: 00b
[5:0]
30-bit free running
frequency tuning word
Free running frequency tuning word, Bits[29:24]; default: 0x1B
Table 74. DPLL_0 Digital Oscillator Control
Address
Bits
Bit Name
Description
0x0404
[7:5]
Reserved
Default: 0x0
[4:0]
Digital oscillator
SDM integer part
0000 to 0011 = invalid
0100 = divide-by-4
0101 = invalid
0110 = divide-by-6
0111 = divide-by-7
1000 = divide-by-8 (default)
1001 = divide-by-9
1010 = divide-by-10
1011 = divide-by-11
1100 = divide-by-12
1101 = divide-by-13
1110 = divide-by-14
1111 = divide-by-15
Table 75. DPLL_0 Frequency Clamp
Address
Bits
Bit Name
Description
0x0405
[7:0]
Lower limit of pull-in range
(expressed as a 20-bit
frequency tuning word)
Lower limit pull-in range, Bits[7:0]
Default: 0x51
0x0406
[7:0]
Lower limit pull-in range, Bits[15:8]
Default: 0xB8
0x0407
[7:4]
Reserved
Default: 0x0
[3:0]
Lower limit of pull-in range
Lower limit pull-in range, Bits[19:16]
Default: 0x2
0x0408
[7:0]
Upper limit of pull-in range
(expressed as a 20-bit
frequency tuning word)
Upper limit pull-in range, Bits[7:0]
Default: 0x3E
0x0409
[7:0]
Upper limit pull-in range, Bits[15:8]
Default: 0x0A
0x040A
[7:4]
Reserved
Default: 0x0
[3:0]
Upper limit of pull-in range
Upper limit pull-in range, Bits[19:16]
Default: 0xB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com