Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 85Page - Analog Devices AD9559PCBZ Datasheet HTML 86Page - Analog Devices AD9559PCBZ Datasheet HTML 87Page - Analog Devices AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 89 of 120
DPLL_0 SETTINGS FOR REFERENCE INPUT C (REFC) (REGISTER 0x045A TO REGISTER 0x0466)
Table 98. DPLL_0 REFC Priority Setting
Address
Bits
Bit Name
Description
0x045A
[7:3]
Reserved
Default: 00000b.
[2:1]
REFC priority
These bits set the priority level (0 to 3) of REFC relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFC
This bit enables DPLL_0 to lock to REFC.
0 (default) = REFC is not enabled for use by DPLL_0.
1 = REFC is enabled for use by DPLL_0.
Table 99. DPLL_0 REFC Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x045B
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x045C
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x045B and Register 0x045C: 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency
divided by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal
is used for the system clock. See the Choosing the SYSCLK Source section for details.
0x045D
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BW ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 100. DPLL_0 REFC Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x045E
[7:0]
Integer Part N0
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB).
0x045F
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07).
0x0460
[7:1]
Reserved
Default: 0x00.
0
Integer Part N0
DPLL integer feedback divider, Bit 16 (default: 0b).
The default for Register 0x045E to Register 0x460: 0x007CB (which equals N1 = 1996).
Table 101. DPLL_0 REFC Fractional Part of Fractional Feedback Divider FRAC0
Address
Bits
Bit Name
Description
0x0461
[7:0]
Digital PLL fractional
feedback divider—FRAC0
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04).
0x0462
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00).
0x0463
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00).
Table 102. DPLL_0 REFC Modulus of Fractional Feedback Divider MOD0
Address
Bits
Bit Name
Description
0x0464
[7:0]
Digital PLL feedback divider
modulus—MOD0
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05).
0x0465
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00).
0x0466
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com