Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 16Page - Analog Devices AD9559PCBZ Datasheet HTML 17Page - Analog Devices AD9559PCBZ Datasheet HTML 18Page - Analog Devices AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 20 of 120
TYPICAL PERFORMANCE CHARACTERISTICS
fR = input reference clock frequency; fOUT = output clock frequency; fSYS = SYSCLK input frequency; VDD3 and VDD at nominal supply voltage.
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 331fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–75
100Hz
–92
1kHz
–116
10kHz
–126
100kHz
–130
1MHz
–143
10MHz
–152
FLOOR
–158
Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 156.25 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
1k
10
100
10k
100k
1M
10M
100M
FREQUENCY OFFSET (Hz)
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 310fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–71
100Hz
–82
1kHz
–105
10kHz
–114
100kHz
–117
1MHz
–133
10MHz
–142
FLOOR
–153
Figure 3. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 622.08 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 306fs
PHASE NOISE (dBc/Hz):
10Hz
–70
100Hz
–86
1kHz
–105
10kHz
–114
100kHz
–117
1MHz
–134
10MHz
–141
FLOOR
–153
Figure 4. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 644.53125 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
FREQUENCY OFFSET (Hz)
1k
10
100
10k
100k
1M
10M
100M
INTEGRATED RMS JITTER
(12kHz TO 20MHz): 328fs
PHASE NOISE (dBc/Hz):
OFFSET
LEVEL
10Hz
–70
100Hz
–85
1kHz
–105
10kHz
–112
100kHz
–115
1MHz
–133
10MHz
–142
Figure 5. Absolute Phase Noise (Output Driver = HSTL),
fR = 19.44 MHz, fOUT = 693.482991 MHz,
DPLL Loop BW = 50 Hz, fSYS = 49.152 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com