Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices AD9559PCBZ Datasheet HTML 26Page - Analog Devices AD9559PCBZ Datasheet HTML 27Page - Analog Devices AD9559PCBZ Datasheet HTML 28Page - Analog Devices AD9559PCBZ Datasheet HTML 29Page - Analog Devices AD9559PCBZ Datasheet HTML 30Page - Analog Devices AD9559PCBZ Datasheet HTML 31Page - Analog Devices AD9559PCBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 28 of 120
REGISTER PROGRAMMING OVERVIEW
This section provides a programming overview of the register
blocks in the AD9559, describing what they do and why they
are important. This is supplemental information only, needed
only if the user wishes to load the registers without using the
STP file.
The AD9559 evaluation software contains a wizard that determines
the register settings based on the user’s input and output
frequencies. It is strongly recommended that the evaluation
software be used to determine these settings.
Multifunction Pins (Optional)
This step is required only if the user intends to use any of the
multifunction pins for status or control. The multifunction pin
parameters are at Register 0x0100 to Register 0x0107.
Table 196 has a list of M pin output functions, and Table 197 has
a list of M pin input functions.
IRQ Functions (Optional)
This step is required only if the user intends to use the IRQ feature.
The IRQ functions are divided into three groups: common,
PLL_0, and PLL_1.
The user must first choose the events that trigger an IRQ and
then set them in Register 0x010A to Register 0x0112. Next,
an M pin must be assigned to the IRQ function. The user can
choose to dedicate one M pin to each of the three IRQ groups,
or one M pin can be assigned for all IRQs.
The IRQ monitor registers are located at Register 0x0D08 to
Register 0x0D10. If the desired bits in the IRQ mask registers at
Register 0x010A to Register 0x0112 are set high, the appropriate
IRQ monitor bit at Register 0x0D08 to Register 0x0D10 is set
high when the indicated event occurs.
Individual IRQ events are cleared by using the IRQ clearing
registers at Register 0x0A05 to Register 0x0A0E or by setting
the clear all IRQs bit (Register 0x0A05[0]) to 1b.
The default values of the IRQ mask registers are such that
interrupts are not generated. The default IRQ pin mode is open-
drain NMOS.
Watchdog Timer (Optional)
This step is required only if the user intends to use the watchdog
timer. The watchdog timer control is at Register 0x0108 and
Register 0x0109. The watchdog timer is disabled by default.
The watchdog timer is useful for generating an IRQ after a fixed
amount of time. The timer is reset by setting the clear watchdog
timer bit in Register 0x0A05[7] to 1.
The user can also program an M pin for the watchdog timer
output. In this mode, the M pin generates a 40 ns pulse every
time the watchdog timer expires.
System Clock Configuration
The system clock multiplier (SYSCLK) parameters are at
Register 0x0200 to Register 0x0207. For optimal performance,
use the following steps:
1. Set the system clock PLL input type and divider values.
2. Set the system clock period.
It is essential to program the system clock period because
many of the AD9559 subsystems rely on this value.
3. Set the system clock stability timer.
It is highly recommended that the system clock stability
timer be programmed. This is especially important when
using the system clock multiplier and also applies when
using an external system clock source, especially if the
external source is not expected to be completely stable
when power is applied to the AD9559. The system clock
stability timer specifies the amount of time that the system
clock PLL must be locked before the part declares that the
system clock is stable. The default value is 50 ms.
4. Update all registers (Register 0x0005 = 0x01).
Important Note
The system clock must be stable for the digital PLL blocks to
function correctly and read back the registers updated on the
system clock domain. These registers include the status registers,
as well as the free running tuning word. Therefore, when debug-
ging the AD9559, the user must first ensure that the system clock is
stable by checking Bit 1 in Register 0x0D01.
Reference Inputs
The reference input parameters and reference dividers are common
to both PLLs; there is only one reference divider (R divider) for
each reference input. The register address for each reference input
is as follows:
•
REFA: Register 0x0300 to Register 0x031A
•
REFB: Register 0x0320 to Register 0x033A
•
REFC: Register 0x0340 to Register 0x035A
•
REFD: Register 0x0360 to Register 0x037A
These registers include the following settings:
•
Reference logic family
•
Reference divider (R divider value)
•
Reference input period and tolerance
•
Reference validation timer
•
Phase and frequency lock detector settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com