Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 67 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices AD9559PCBZ Datasheet HTML 65Page - Analog Devices AD9559PCBZ Datasheet HTML 66Page - Analog Devices AD9559PCBZ Datasheet HTML 67Page - Analog Devices AD9559PCBZ Datasheet HTML 68Page - Analog Devices AD9559PCBZ Datasheet HTML 69Page - Analog Devices AD9559PCBZ Datasheet HTML 70Page - Analog Devices AD9559PCBZ Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 67 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
DPLL_1 Settings for Reference Input B
0x0567
Reference
priority
Reserved
REFB priority [1:0]
Enable
REFB
0x00
0x0568
W2
DPLL_1
loop BW
(16 bits)
Digital PLL_1 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x0569
W2
Digital PLL_1 loop BW scaling factor, Bits[15:8]
0x01
0x056A
W2
Reserved
Base filter
Reserved
0x00
0x056B
W2
DPLL_1
N1 divider
(17 bits)
Digital PLL_1 feedback divider—Integer Part N1, Bits[7:0]
0xCB
0x056C
W2
Digital PLL_1 feedback divider—Integer Part N1, Bits[15:8]
0x07
0x056D
W2
Reserved
Digital
PLL
feedback
divider—
Integer
Part N1,
Bit 16
0x00
0x056E
DPLL_1
fractional
feedback
divider
(24 bits)
Digital PLL_1 fractional feedback divider—FRAC1, Bits[7:0]
0x04
0x056F
Digital PLL_1 fractional feedback divider—FRAC1, Bits[15:8]
0x00
0x0570
Digital PLL_1 fractional feedback divider—FRAC1, Bits[23:16]
0x00
0x0571
W2
DPLL_1
fractional
feedback
divider
modulus
(24 bits)
Digital PLL_1 feedback divider modulus—MOD1, Bits[7:0]
0x05
0x0572
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[15:8]
0x00
0x0573
W2
Digital PLL_1 feedback divider modulus—MOD1, Bits[23:16]
0x00
Loop Filters
0x0800
L
Base
loop filter
coefficient
set
(normal
phase
margin
of 70°)
NPM Alpha-0 linear, Bits[7:0]
0x24
0x0801
L
NPM Alpha-0 linear, Bits[15:8]
0x8C
0x0802
L
Reserved
NPM Alpha-1 exponent, Bits[6:0]
0x49
0x0803
L
NPM Beta-0 linear, Bits[7:0]
0x55
0x0804
L
NPM Beta-0 linear, Bits[15:8]
0xC9
0x0805
L
Reserved
NPM Beta-1 exponent, Bits[6:0]
0x7B
0x0806
L
NPM Gamma-0 linear, Bits[7:0]
0x9C
0x0807
L
NPM Gamma-0 linear, Bits[15:8]
0xFA
0x0808
L
Reserved
NPM Gamma-1 exponent, Bits[6:0]
0x55
0x0809
L
NPM Delta-0 linear, Bits[7:0]
0xEA
0x080A
L
NPM Delta-0 linear, Bits[15:8]
0xE2
0x080B
L
Reserved
NPM Delta-1 exponent, Bits[6:0]
0x57
0x080C
L
Base loop
filter
coefficient
set (high
phase
margin)
HPM Alpha-0 linear, Bits[7:0]
0x8C
0x080D
L
HPM Alpha-0 linear, Bits[15:8]
0xAD
0x080E
L
Reserved
HPM Alpha-1 exponent, Bits[6:0]
0x4C
0x080F
L
HPM Beta-0 linear, Bits[7:0]
0xF5
0x0810
L
HPM Beta-0 linear, Bits[15:8]
0xCB
0x0811
L
Reserved
HPM Beta-1 exponent, Bits[6:0]
0x73
0x0812
L
HPM Gamma-0 linear, Bits[7:0]
0x24
0x0813
L
HPM Gamma-0 linear, Bits[15:8]
0xD8
0x0814
L
Reserved
HPM Gamma-1 exponent, Bits[6:0]
0x59
0x0815
L
HPM Delta-0 linear, Bits[7:0]
0xD2
0x0816
L
HPM Delta-0 linear, Bits[15:8]
0x8D
0x0817
L
Reserved
HPM Delta-1 exponent, Bits[6:0]
0x5A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com