Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 55Page - Analog Devices AD9559PCBZ Datasheet HTML 56Page - Analog Devices AD9559PCBZ Datasheet HTML 57Page - Analog Devices AD9559PCBZ Datasheet HTML 58Page - Analog Devices AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices AD9559PCBZ Datasheet HTML 61Page - Analog Devices AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 59 of 120
REGISTER MAP
Register addresses that are not listed in Table 34 are not used, and writing to those registers has no effect. The user should write the
default value to sections of registers marked reserved. R = read only. A = autoclear. E = excluded from EEPROM loading. W1, W2, W5,
W6, and W7 = write detection (see Table 32 for more information). L = live (IO_UPDATE not required for register to take effect or for
a read-only register to be updated.)
Table 34.
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
Serial Control Port and Part Identification
0x0000
L, E
SPI control
SDO enable
LSB first/
increment
address
Soft reset
Reserved
0x00
0x0000
L
I²C control
Reserved
Soft reset
Reserved
0x00
0x0004
Readback
control
Reserved
Reset sans
reg map
Disable
auto actions
Reserved
2-wire SPI
Read
buffer
register
0x00
0x0005
A, L
IO_UPDATE
Reserved
IO_
UPDATE
0x00
0x000A
R, L
Reserved
0x12
0x000B
R, L
Reserved
0x0F
0x000C
R, L
Part family
ID
Clock part family ID, Bits[7:0]
0x02
0x000D
R, L
Clock part family ID, Bits[15:8]
0x00
0x000E
L
User
scratchpad
User scratchpad, Bits[7:0]
0x00
0x000F
L
User scratchpad, Bits[15:8]
0x00
General Configuration
0x0100
M pin
drivers
M3 driver mode, Bits[1:0]
M2 driver mode, Bits[1:0]
M1 driver mode, Bits[1:0]
M0 driver mode, Bits[1:0]
0x00
0x0101
Reserved
M5 driver mode, Bits[1:0]
M4 driver mode, Bits[1:0]
0x00
0x0102
W7
M0FUNC
M0
output/
A
input
E
E
M0 function, Bits[6:0]
0x00
0x0103
W7
M1FUNC
M1
output/
A
input
E
E
M1 function, Bits[6:0]
0x00
0x0104
W7
M2FUNC
M2
output/
A
input
E
E
M2 function, Bits[6:0]
0x00
0x0105
W7
M3FUNC
M3
output/
A
input
E
E
M3 function, Bits[6:0]
0x00
0x0106
W7
M4FUNC
M4
output/
A
input
E
E
M4 function, Bits[6:0]
0x00
0x0107
W7
M5FUNC
M5
output/
A
input
E
E
M5 function, Bits[6:0]
0x00
0x0108
W5
Watchdog
timer
Watchdog timer (ms), Bits[7:0]
0x00
0x0109
W5
Watchdog timer (ms), Bits[15:8]
0x00
0x010A
IRQ mask
common
Reserved
SYSCLK
unlocked
SYSCLK
stable
SYSCLK
locked
Watchdog
timer
Reserved
EEPROM
fault
EEPROM
complete
0x00
0x010B
Reserved
REFB
validated
REFB fault
cleared
REFB fault
Reserved
REFA
validated
REFA fault
cleared
REFA fault
0x00
0x010C
Reserved
REFD
validated
REFD fault
cleared
REFD fault
Reserved
REFC
validated
REFC fault
cleared
REFC fault
0x00
0x010D
IRQ mask
DPLL_0
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
0x00
0x010E
Switching
Free run
Holdover
History
updated
REFD
activated
REFC
activated
REFB
activated
REFA
activated
0x00
0x010F
Reserved
Sync clock
distribution
APLL_0
unlocked
APLL_0
locked
APLL_0 cal
complete
APLL_0
cal started
0x00
0x0110
IRQ mask
DPLL_1
Frequency
unclamped
Frequency
clamped
Phase slew
unlimited
Phase slew
limited
Frequency
unlocked
Frequency
locked
Phase
unlocked
Phase
locked
0x00
0x0111
Switching
Free run
Holdover
History
updated
REFD
activated
REFC
activated
REFB
activated
REFA
activated
0x00
0x0112
Reserved
Sync clock
distribution
APLL_1
unlocked
APLL_1
locked
APLL_1 cal
complete
APLL_1
cal started
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com