Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices AD9559PCBZ Datasheet HTML 26Page - Analog Devices AD9559PCBZ Datasheet HTML 27Page - Analog Devices AD9559PCBZ Datasheet HTML 28Page - Analog Devices AD9559PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 25 of 120
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
10
100
1k
10k
100k
FREQUENCY OFFSET (Hz)
LOOP BW = 100Hz;
HIGH PHASE MARGIN;
PEAKING: 0.06dB; –3dB: 69Hz
LOOP BW = 2kHz;
HIGH PHASE MARGIN;
PEAKING: 0.097dB; –3dB: 1.23kHz
LOOP BW = 5kHz;
HIGH PHASE MARGIN;
PEAKING: 0.14dB; –3dB: 4.27kHz
Figure 27. Closed-Loop Transfer Function for 100 Hz, 2 kHz, and 5 kHz Loop
Bandwidth Settings; High Phase Margin Loop Filter Setting
(This figure is compliant with Telcordia GR-253
jitter transfer test for loop bandwidths < 2 kHz.)
Note that bandwidth is defined as the point where the open loop gain = 0 dB.
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
3
10
100
1k
FREQUENCY OFFSET (Hz)
10k
100k
LOOP BW = 100Hz;
NORMAL PHASE MARGIN;
PEAKING: 0.09dB; –3dB: 117Hz
LOOP BW = 2kHz;
NORMAL PHASE MARGIN;
PEAKING: 1.6dB; –3dB: 2.69kHz
Figure 28. Closed-Loop Transfer Function for 100 Hz and 2 kHz Loop
Bandwidth Settings; Normal Phase Margin Loop Filter Setting
Note that bandwidth is defined as the point where the open loop gain = 0 dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com