Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 19Page - Analog Devices AD9559PCBZ Datasheet HTML 20Page - Analog Devices AD9559PCBZ Datasheet HTML 21Page - Analog Devices AD9559PCBZ Datasheet HTML 22Page - Analog Devices AD9559PCBZ Datasheet HTML 23Page - Analog Devices AD9559PCBZ Datasheet HTML 24Page - Analog Devices AD9559PCBZ Datasheet HTML 25Page - Analog Devices AD9559PCBZ Datasheet HTML 26Page - Analog Devices AD9559PCBZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 23 of 120
0
100 200 300 400
600
800
1000
1200
500
700
900
1100
FREQUENCY (MHz)
1.50
1.55
1.60
1.65
1.70
1.75
1.80
1.85
1.90
1.95
2.00
Figure 15. Amplitude vs. Toggle Rate,
HSTL Mode (LVPECL-Compatible Mode)
0
1200
1000
800
600
400
200
0
100
200
300
400
500
600
700
800
FREQUENCY (MHz)
LVDS (DEFAULT)
LVDS (BOOST)
Figure 16. Amplitude vs. Toggle Rate, LVDS
3.5
3.0
1.0
1.5
2.0
2.5
0
300
250
200
150
100
50
FREQUENCY (MHz)
1.8 V MODE
3.3V STRONG MODE
Figure 17. Amplitude vs. Toggle Rate with 10 pF Load,
3.3 V (Strong Mode) and 1.8 V CMOS
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
0
100
80
60
40
20
FREQUENCY (MHz)
3.3V WEAK MODE
Figure 18. Amplitude vs. Toggle Rate with 10 pF Load,
3.3 V (Weak Mode) CMOS
0
10
20
30
40
50
60
70
0
1400
1200
1000
800
600
400
200
FREQUENCY (MHz)
Figure 19. Power Consumption vs. Frequency,
HSTL Mode on Output Driver Power Supply Only
(Pin 17, Pin 21, Pin 34, and Pin 38)
0
5
10
15
20
25
30
35
40
45
50
0
100
200
300
400
500
600
700
900
800
FREQUENCY (MHz)
Figure 20. Power Consumption vs. Frequency,
LVDS Mode on Output Driver Power Supply Only
(Pin 17, Pin 21, Pin 34, and Pin 38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com