Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 45 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 41Page - Analog Devices AD9559PCBZ Datasheet HTML 42Page - Analog Devices AD9559PCBZ Datasheet HTML 43Page - Analog Devices AD9559PCBZ Datasheet HTML 44Page - Analog Devices AD9559PCBZ Datasheet HTML 45Page - Analog Devices AD9559PCBZ Datasheet HTML 46Page - Analog Devices AD9559PCBZ Datasheet HTML 47Page - Analog Devices AD9559PCBZ Datasheet HTML 48Page - Analog Devices AD9559PCBZ Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 45 of 120
The controller decodes the number of bytes to transfer directly
from the data instruction itself by adding 1 to the value of the
instruction. For example, Data Instruction 0x1A has a decimal
value of 26; therefore, the controller knows to transfer 27 bytes
(one more than the value of the instruction). When the controller
encounters a data instruction, it knows to read the next two bytes
in the scratchpad because these contain the register map target
address.
Note that, in the EEPROM scratchpad, the two registers that
comprise the address portion of a data instruction have the
MSB of the address in the D7 position of the lower register
address. The bit weight increases left to right, from the lower
register address to the higher register address. Furthermore, the
starting address always indicates the lowest numbered register
map address in the range of bytes to transfer. That is, the controller
always starts at the register map target address and counts upward,
regardless of whether the serial I/O port is operating in I2C, SPI
LSB-first, or SPI MSB-first mode.
As part of the data transfer process during an EEPROM upload,
the controller calculates a 1-byte checksum and stores it as the
final byte of the data transfer. As part of the data transfer process
during an EEPROM download, however, the controller again
calculates a 1-byte checksum value but compares the newly
calculated checksum with the one that was stored during the
upload process. If an upload/download checksum pair does not
match, the controller sets the EEPROM fault status bit. If the
upload/download checksums match for all data instructions
encountered during a download sequence, the controller sets
the EEPROM complete status bit.
Condition instructions are those that have a value from 0xB0
to 0xBF. The 0xB1 to 0xBF condition instructions represent
Condition 1 to Condition 15, respectively. The 0xB0 condition
instruction is special because it represents the null condition
(see the EEPROM Conditional Processing section).
A pause instruction, like an end instruction, is stored at the end
of a sequence of instructions in the scratchpad. When the con-
troller encounters a pause instruction during an upload sequence,
it keeps the EEPROM address pointer at its last value. Then the
user can store a new instruction sequence in the scratchpad and
upload the new sequence to the EEPROM. The new sequence
is stored in the EEPROM address locations immediately following
the previously saved sequence. This process is repeatable until
an upload sequence contains an end instruction. The pause
instruction is also useful when used in conjunction with condition
processing. It allows the EEPROM to contain multiple occurrences
of the same registers, with each occurrence linked to a set of
conditions (see the EEPROM Conditional Processing section).
EEPROM Upload
To upload data to the EEPROM, the user must first ensure that
the write enable bit (Register 0x0E00, Bit 0) is set. Then, on setting
the autoclearing save to EEPROM bit (Register 0x0E02, Bit 0),
the controller initiates the EEPROM data storage process.
Uploading EEPROM data requires the user to first write an
instruction sequence into the scratchpad registers. During the
upload process, the controller reads the scratchpad data byte-
by-byte, starting at Register 0x0E10 and incrementing the
scratchpad address pointer, as it goes, until it reaches a pause
or end instruction.
As the controller reads the scratchpad data, it transfers the
data from the scratchpad to the EEPROM (byte-by-byte) and
increments the EEPROM address pointer accordingly, unless
it encounters a data instruction. A data instruction tells the
controller to transfer data from the device settings portion of
the register map to the EEPROM. The number of bytes to transfer
is encoded within the data instruction, and the starting address
for the transfer appears in the next two bytes in the scratchpad.
When the controller encounters a data instruction, it stores the
instruction in the EEPROM, increments the EEPROM address
pointer, decodes the number of bytes to be transferred, and
increments the scratchpad address pointer. Then it retrieves
the next two bytes from the scratchpad (the target address)
and increments the scratchpad address pointer by 2. Next, the
controller transfers the specified number of bytes from the register
map (beginning at the target address) to the EEPROM.
When it completes the data transfer, the controller stores
an extra byte in the EEPROM to serve as a checksum for the
transferred block of data. To account for the checksum byte,
the controller increments the EEPROM address pointer by one
more than the number of bytes transferred. Note that, when the
controller transfers data associated with an active register, it actually
transfers the buffered contents of the register (refer to the
Buffered/Active Registers section for details on the difference
between buffered and active registers). This allows for the transfer
of nonzero autoclearing register contents.
Note that conditional processing (see the EEPROM Conditional
Processing section) does not occur during an upload sequence.
Manual EEPROM Download
An EEPROM download results in data transfer from the
EEPROM to the device register map. To download data, the
user sets the autoclearing load from EEPROM bit (Register
0x0E03, Bit 1). This commands the controller to initiate the
EEPROM download process. During download, the controller
reads the EEPROM data byte by byte, incrementing the EEPROM
address pointer as it goes, until it reaches an end instruction.
As the controller reads the EEPROM data, it executes the stored
instructions, which includes transferring stored data to the device
settings portion of the register map whenever it encounters a data
instruction.
Note that conditional processing (see the EEPROM Conditional
Processing section) is applicable only when downloading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com