Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 52Page - Analog Devices AD9559PCBZ Datasheet HTML 53Page - Analog Devices AD9559PCBZ Datasheet HTML 54Page - Analog Devices AD9559PCBZ Datasheet HTML 55Page - Analog Devices AD9559PCBZ Datasheet HTML 56Page - Analog Devices AD9559PCBZ Datasheet HTML 57Page - Analog Devices AD9559PCBZ Datasheet HTML 58Page - Analog Devices AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 56 of 120
PROGRAMMING THE I/O REGISTERS
The register map (see Table 34) spans an address range from
0x0000 through 0x0E4F. Each address provides access to one
byte (eight bits) of data. Each individual register is identified by
its four-digit hexadecimal address (for example, Register 0x0A23).
In some cases, a group of addresses collectively defines a register.
In general, when a group of registers defines a control parameter,
the LSB of the value resides in the D0 position of the register
with the lowest address. The bit weight increases right to left,
from the lowest register address to the highest register address.
Note that the EEPROM storage sequence registers (Address 0x0E10
to Address 0x0E4F) are an exception to this convention (see the
EEPROM Instructions section).
BUFFERED/ACTIVE REGISTERS
There are two copies of most registers: buffered and active. The
value in the active registers is the one that is in use. The buffered
registers are the ones that take effect the next time the user writes
0x01 to Register 0x0005 (IO_UPDATE). Buffering the registers
allows the user to update a group of registers (like the APLL
settings) simultaneously, avoiding the potential of unpredictable
behavior in the part. Registers with an L in the option column of
the register map (see Table 34) are live, meaning that they take
effect the moment the serial port transfers that data byte.
WRITE DETECT REGISTERS
A W in the option column of the register map (see Table 34)
identifies a register with write detection. These registers contain
additional logic to avoid glitches or unwanted operation. Write
detection can be disabled by setting Register 0x0004, Bit 3 to 1b.
Table 32. Register Write Detection Description
Option
Register Operation
W0
The input reference is immediately faulted when
these registers are written to, and the input
reference validation timer restarts when the next
IO_UPDATE occurs (Register 0x0005 = 0x01).
W1
The lock detector declares unlock immediately
when these registers are written to, and the lock
detection restarts when the next IO_UPDATE occurs.
W2
After these registers are written to, the DPLL
automatically enters holdover for one PFD cycle
(and then exits) when an IO_UPDATE is issued.
W5
The watchdog timer resets automatically when
these registers are changed, and then resumes
counting on the next IO_UPDATE.
W6
The system clock stability timer is automatically
reset when these registers are changed, and
then resumes counting on the next IO_UPDATE.
W7
If these registers are written to while they are
assigned to an existing function, the existing function
stops immediately. The new function starts when
the next IO_UPDATE occurs.
AUTOCLEAR REGISTERS
An A in the option column of the register map (see Table 34)
identifies an autoclearing register. Typically, the active value for
an auto-clearing register takes effect following an IO_UPDATE.
The bit is cleared by the internal device logic upon completion
of the prescribed action.
REGISTER ACCESS RESTRICTIONS
Read and write access to the register map may be restricted,
depending on the register in question, the source and direction
of access, and the current state of the device. Each register can
be classified into one or more access types. When more than
one type applies, the most restrictive condition is the one that
applies.
When access is denied to a register, all attempts to read the register
return a 0 byte, and all attempts to write to the register are ignored.
Access to nonexistent registers is handled in the same way as for
a denied register.
Regular Access
Registers with regular access do not fall into any other category.
Both read and write access to registers of this type can be from
either the serial ports or EEPROM controller. However, only
one of these sources can have access to a register at any given
time (access is mutually exclusive). When the EEPROM controller
is active, either in load or store mode, it has exclusive access to
these registers.
Read-Only Access
An R in the option column of the register map (see Table 34)
identifies read-only registers. Access is available at all times,
including when the EEPROM controller is active. Note that
read-only registers (R) are inaccessible to the EEPROM as well.
Exclusion from EEPROM Access
An E in the option column of the register map (see Table 34)
identifies a register with contents that are inaccessible to the
EEPROM. That is, the contents of this type of register cannot be
transferred directly to the EEPROM or vice versa. Note that
read-only registers (R) are inaccessible to the EEPROM as well.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com