Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 40 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 36Page - Analog Devices AD9559PCBZ Datasheet HTML 37Page - Analog Devices AD9559PCBZ Datasheet HTML 38Page - Analog Devices AD9559PCBZ Datasheet HTML 39Page - Analog Devices AD9559PCBZ Datasheet HTML 40Page - Analog Devices AD9559PCBZ Datasheet HTML 41Page - Analog Devices AD9559PCBZ Datasheet HTML 42Page - Analog Devices AD9559PCBZ Datasheet HTML 43Page - Analog Devices AD9559PCBZ Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 40 of 120
CLOCK DISTRIBUTION
FROM VCO_0
(2940MHz TO 3543MHz)
CHIP RESET
SYNC
10-BIT INTEGER
CHANNEL
SYNC
BLOCK
MAX
1.25GHz
MAX
1.25GHz
CHANNEL SYNC
(TO Q0_A AND Q0_B)
OUT0A
OUT0A
OUT0B
OUT0B
P0
DIVIDER
10-BIT INTEGER
÷Q0_A
÷Q0_B
Figure 41. Clock Distribution Block Diagram from VCO_0
FROM VCO_1
(3405MHz TO 4260MHz)
CHIP RESET
SYNC
10-BIT INTEGER
10-BIT INTEGER
CHANNEL
SYNC
BLOCK
MAX
1.25GHz
MAX
1.25GHz
CHANNEL SYNC
(TO Q1_A AND Q1_B)
OUT1A
OUT1A
OUT1B
OUT1B
÷Q1_A
÷Q1_B
Figure 42. Clock Distribution Block Diagram from VCO_1
The AD9559 has two identical clock distribution sections: one
for PLL_0 from VCO_0 and the other for PLL_1. See Figure 41
for a diagram of the clock distribution block for PLL_0 and
Figure 42 for the PLL_1 block.
CLOCK DIVIDERS
P0 and P1 Dividers
The first block in each clock distribution section is the P divider.
The P divider divides the VCO output frequency down to a
maximum frequency of ≤1.25 GHz and has special circuitry to
maintain a 50% duty cycle for any divide ratio.
The following register addresses contain the P divider settings:
•
PLL_0, P0 divider: Register 0x0424[3:0]
•
PLL_1, P1 divider: Register 0x0524[3:0]
Channel Dividers
The channel divider blocks, Q0_A, Q0_B, Q1_B, and Q1_A,
are 10-bit integer dividers with a divide range of 1 to 1024.
The channel divider block contains duty cycle correction that
guarantees 50% duty cycle for both even and odd divide ratios.
The maximum input frequency to the channel dividers is
1.25 GHz.
The channel dividers are at the following register addresses:
•
Q0_A divider: Register 0x0428 to Register 0x042A
•
Q0_B divider: Register 0x042C to Register 0x042E
•
Q1_A divider: Register 0x0528 to Register 0x052A
•
Q1_B divider: Register 0x052C to Register 0x052E
OUTPUT ENABLE
Each of the output channels offers independent control of enable/
disable functionality via the distribution enable register. The
distribution outputs use synchronization logic to control
enable/disable activity to avoid the production of runt pulses
and to ensure that outputs with the same divide ratios become
active/inactive in unison.
OUTPUT MODE AND POWER-DOWN
The output drivers can be individually powered down. The
output mode control (including power-down) can be found
at the following register addresses:
•
OUT0A: Register 0x0427[6:4]
•
OUT0B: Register 0x042B[7:4]
•
OUT1A: Register 0x0527[6:4]
•
OUT1B: Register 0x052B[7:4]
The operating mode control includes
•
Logic type and pin function
•
Output drive strength
•
Output polarity
•
Divide ratio
•
Phase of each output channel
OUT0B and OUT1B provide the 3.3 V CMOS, 1.8 V CMOS,
LVDS, and HSTL modes.
OUT0A and OUT1A provide the 1.8 V CMOS, LVDS, and
HSTL modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com