Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 97 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices AD9559PCBZ Datasheet HTML 97Page - Analog Devices AD9559PCBZ Datasheet HTML 98Page - Analog Devices AD9559PCBZ Datasheet HTML 99Page - Analog Devices AD9559PCBZ Datasheet HTML 100Page - Analog Devices AD9559PCBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 97 of 120
Table 127. DPLL_1 REFC Modulus of Fractional Feedback Divider Mod1
Address
Bits
Bit Name
Description
0x054A
[7:0]
Digital PLL feedback
divider modulus—MOD1
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x054B
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x054C
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)
DPLL_1 SETTINGS FOR REFERENCE INPUT D (REFD) (REGISTER 0x054D TO REGISTER 0x0559)
Table 128. DPLL_1 REFD Priority Setting
Address
Bits
Bit Name
Description
0x054D
[7:3]
Reserved
Default: 00000b.
[2:1]
REFD priority
These bits set the priority level (0 to 3) of REFD relative to the other input references.
00 (default) = 0 (highest).
01 = 1
10 = 2
11 = 3
0
Enable REFD
This bit enables DPLL_1 to lock to REFD.
0 = REFD is not enabled for use by DPLL_1
1 (default) = REFD is enabled for use by DPLL_1
Table 129. DPLL_1 REFD Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x054E
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x054F
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x054E and Register 0x054F = 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency
divided by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal
is used for the system clock. See the Choosing the SYSCLK Source section for details.
0x0550
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BW ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 130. DPLL_1 REFD Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x0551
[7:0]
Integer Part N1
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB).
0x0552
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07).
0x0553
[7:1]
Reserved
Default: 0x00.
0
Integer Part N1
DPLL integer feedback divider, Bit 16 (default: 0b).
The default for Register 0x0551 to Register 0x0553: 0x007CB (which equals N1 = 1996).
Table 131. DPLL_1 REFD Fractional Part of Fractional Feedback Divider FRAC1
Address
Bits
Bit Name
Description
0x0554
[7:0]
Digital PLL fractional
feedback divider—FRAC1
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x0555
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0556
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)
Table 132. DPLL_1 REFD Modulus of Fractional Feedback Divider MOD1
Address
Bits
Bit Name
Description
0x0557
[7:0]
Digital PLL feedback divider
modulus—MOD1
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x0558
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0559
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com