Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 59Page - Analog Devices AD9559PCBZ Datasheet HTML 60Page - Analog Devices AD9559PCBZ Datasheet HTML 61Page - Analog Devices AD9559PCBZ Datasheet HTML 62Page - Analog Devices AD9559PCBZ Datasheet HTML 63Page - Analog Devices AD9559PCBZ Datasheet HTML 64Page - Analog Devices AD9559PCBZ Datasheet HTML 65Page - Analog Devices AD9559PCBZ Datasheet HTML 66Page - Analog Devices AD9559PCBZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 63 of 120
Reg
Addr
(Hex)
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
(Hex)
0x0427
OUT0A
Reserved
OUT0A format, Bits[2:0]
OUT0A polarity, Bits[1:0]
OUT0A
LVDS boost
Reserved
0x10
0x0428
Q0_A divider, Bits[7:0]
0x00
0x0429
Reserved
Q0_A divider, Bits[9:8]
0x00
0x042A
Reserved
Q0_A divider phase, Bits[5:0]
0x00
0x042B
OUT0B
Enable 3.3 V
CMOS driver
OUT0B format[2:0]
OUT0B polarity, Bits[1:0]
OUT0B
LVDS boost
Reserved
0x10
0x042C
Q0_B divider, Bits[7:0]
0x03
0x042D
Reserved
Q0_B divider, Bits[9:8]
0x00
0x042E
Reserved
Q0_B divider phase, Bits[5:0]
0x00
DPLL_0 Settings for Reference Input A
0x0440
Reference
priority
Reserved
REFA priority, Bits[1:0]
Enable
REFA
0x01
0x0441
W2
DPLL_0
loop BW
(16 bits)
Digital PLL_0 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x0442
W2
Digital PLL_0 loop BW scaling factor, Bits[15:8]
0x01
0x0443
W2
Reserved
Base filter
Reserved
0x00
0x0444
W2
DPLL_0
N0 divider
(17 bits)
Digital PLL feedback divider—Integer Part N0, Bits[7:0]
0xCB
0x0445
W2
Digital PLL feedback divider—Integer Part N0, Bits[15:8]
0x07
0x0446
W2
Reserved
Digital
PLL
feedback
divider,
Integer
Part N0,
Bit 16
0x00
0x0447
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL fractional feedback divider—FRAC0, Bits[7:0]
0x04
0x0448
Digital PLL fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0449
Digital PLL fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x044A
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL feedback divider modulus—MOD0, Bits[7:0]
0x05
0x044B
W2
Digital PLL feedback divider modulus—MOD0, Bits[15:8]
0x00
0x044C
W2
Digital PLL feedback divider modulus—MOD0, Bits[23:16]
0x00
DPLL_0 Settings for Reference Input B
0x044D
Reference
priority
Reserved
REFB priority, Bits[1:0]
Enable
REFB
0x01
0x044E
W2
DPLL_0
loop BW
(16 bits)
Digital PLL_0 loop BW scaling factor, Bits[7:0] (default: 0x01F4 = 50 Hz)
0xF4
0x044F
W2
Digital PLL_0 loop BW scaling factor, Bits[15:8]
0x01
0x0450
W2
Reserved
Base filter
Reserved
0x00
0x0451
W2
DPLL_0
N0 divider
(17 bits)
Digital PLL feedback divider—Integer Part N0, Bits[7:0]
0xCB
0x0452
W2
Digital PLL feedback divider—Integer Part N0, Bits[15:8]
0x07
0x0453
W2
Reserved
Digital
PLL
feedback
divider,
Integer
Part N0,
Bit 16
0x00
0x0454
DPLL_0
fractional
feedback
divider
(24 bits)
Digital PLL fractional feedback divider—FRAC0, Bits[7:0]
0x04
0x0455
Digital PLL fractional feedback divider—FRAC0, Bits[15:8]
0x00
0x0456
Digital PLL fractional feedback divider—FRAC0, Bits[23:16]
0x00
0x0457
W2
DPLL_0
fractional
feedback
divider
modulus
(24 bits)
Digital PLL feedback divider modulus—MOD0, Bits[7:0]
0x05
0x0458
W2
Digital PLL feedback divider modulus—MOD0, Bits[15:8]
0x00
0x0459
W2
Digital PLL feedback divider modulus—MOD0, Bits[23:16]
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com