Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 86 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 86 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 82Page - Analog Devices AD9559PCBZ Datasheet HTML 83Page - Analog Devices AD9559PCBZ Datasheet HTML 84Page - Analog Devices AD9559PCBZ Datasheet HTML 85Page - Analog Devices AD9559PCBZ Datasheet HTML 86Page - Analog Devices AD9559PCBZ Datasheet HTML 87Page - Analog Devices AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 86 of 120
Table 84. Distribution OUT0A Settings
Address
Bits
Bit Name
Description
0x0427
7
Reserved
Default: 0b
[6:4]
OUT0A format
Selects the operating mode of OUT0A.
000 = power-down, tristate.
001 (default) = HSTL.
010 = LVDS.
011 = reserved.
100 = CMOS, both outputs active.
101 = CMOS, P output active, N output power-down.
110 = CMOS, N output active, P output power-down.
111 = reserved.
[3:2]
OUT0A polarity
Controls the OUT0A polarity.
00 (default) = positive, negative.
01 = positive, positive.
10 = negative, positive.
11 = negative, negative.
1
OUT0A LVDS boost
Controls the output drive capability of OUT0A.
0 (default) = LVDS: 3.5 mA drive strength.
1 = LVDS: 4.5 mA drive strength (LVDS boost mode).
0
Reserved
Default: 0b.
Table 85. Q0_A Divider Settings
Address
Bits
Bit Name
Description
0x0428
[7:0]
Q0_A divider
10-bit channel divider, Bits[7:0] (LSB).
Division equals channel divider, Bits[9:0] + 1.
([9:0] = 0 is divide-by-1, [9:0] = 1 is divide-by-2…[9:0] = 1023 is divide-by-1024)
0x0429
[7:2]
Reserved
Reserved.
[1:0]
Q0_A divider
10-bit channel divider, Bits[9:8] (MSB), Bits[1:0].
0x042A
[7:6]
Reserved
Reserved.
[5:0]
Q0_A divider phase
Divider initial phase after sync relative to the divider input clock (from the P0 divider output).
LSB is ½ of a period of the divider input clock.
Phase = 0 is no phase offset.
Phase = 1 is ½ a period offset.
Table 86. Distribution OUT0B Settings
Address
Bits
Bit Name
Description
0x042B
7
Enable 3.3 V CMOS driver
0 (default) = disables 3.3 V CMOS driver. OUT0B logic is controlled by Register 0x042B[6:4].
1 = enables 3.3 V CMOS driver as operating mode of OUT0B.
This bit should be enabled only if Bits[6:4] are in CMOS mode.
[6:4]
OUT0B format
Select the operating mode of OUT0B.
000 = power-down, tristate.
001 = HSTL.
010 = LVDS.
011 = reserved.
100 = CMOS, both outputs active.
101 = CMOS, P output active, N output power-down.
110 = CMOS, N output active, P output power-down.
111 = reserved.
[3:2]
OUT0B polarity
Configure the OUT0B polarity in CMOS mode. These bits are active in CMOS mode only.
00 (default) = positive, negative.
01 = positive, positive.
10 = negative, positive.
11 = negative, negative.
1
OUT0B LVDS boost
Controls the output drive capability of OUT0B.
0 (default) = LVDS: 3.5 mA drive strength.
1 = LVDS: 4.5 mA drive strength (LVDS boost mode).
0
Reserved
Default: 0b.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com