Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 90 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 90 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 86Page - Analog Devices AD9559PCBZ Datasheet HTML 87Page - Analog Devices AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 90 of 120
DPLL_0 SETTINGS FOR REFERENCE INPUT D (REFD) (REGISTER 0x0467 TO REGISTER 0x0473)
Table 103. DPLL_0 REFD Priority Setting
Address
Bits
Bit Name
Description
0x0467
[7:3]
Reserved
Default: 00000b.
[2:1]
REFD priority
These bits set the priority level (0 to 3) of REFD relative to the other input references.
00 (default) = 0 (highest).
01 = 1.
10 = 2.
11 = 3.
0
Enable REFD
This bit enables DPLL_0 to lock to REFD.
0 (default) = REFD is not enabled for use by DPLL_0.
1 = REFD is enabled for use by DPLL_0.
Table 104. DPLL_0 REFD Loop BW Scaling Factor
Address
Bits
Bit Name
Description
0x0468
[7:0]
DPLL loop BW scaling factor
(unit of 0.1 Hz)
Digital PLL loop bandwidth scaling factor, Bits[7:0] (default: 0xF4).
0x0469
[7:0]
Digital PLL loop bandwidth scaling factor, Bits[15:8] (default: 0x01).
The default for Register 0x0468 and Register 0x0469 = 0x01F4 = 500 (50 Hz loop BW).
The loop bandwidth should always be less than the DPLL phase detector frequency
divided by 20. The DPLL may not lock reliably if the DPLL loop BW is <50 Hz and a crystal
is used for the system clock. See the Choosing the SYSCLK Source section for details.
0x046A
[7:2]
Reserved
Default: 0x00.
1
Base loop filter selection
0 = base loop filter with normal (70°) phase margin (default).
1 = base loop filter with high phase margin.
(≤0.1 dB peaking in the closed-loop transfer function for loop BWs ≤ 2 kHz. Setting this
bit is also recommended for loop BW > 2 kHz.)
0
Reserved
Default: 0b.
Table 105. DPLL_0 REFD Integer Part of Feedback Divider
Address
Bits
Bit Name
Description
0x046B
[7:0]
Integer Part N0
DPLL integer feedback divider (minus 1), Bits[7:0] (default: 0xCB).
0x046C
[7:0]
DPLL integer feedback divider, Bits[15:8] (default: 0x07).
0x046D
[7:1]
Reserved
Default: 0x00.
0
Integer Part N0
DPLL integer feedback divider, Bit 17 (default: 0b).
The default for Register 0x046B to Register 0x46D: 0x007CB (which equals N1 = 1996).
Table 106. DPLL_0 REFD Fractional Part of Fractional Feedback Divider FRAC0
Address
Bits
Bit Name
Description
0x046E
[7:0]
Digital PLL fractional
feedback divider—FRAC0
The numerator of the fractional-N feedback divider, Bits[7:0] (default: 0x04)
0x046F
[7:0]
The numerator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0470
[7:0]
The numerator of the fractional-N feedback divider, Bits[23:18] (default: 0x00)
Table 107. DPLL_0 REFD Modulus of Fractional Feedback Divider MOD0
Address
Bits
Bit Name
Description
0x0471
[7:0]
Digital PLL feedback divider
modulus—MOD0
The denominator of the fractional-N feedback divider, Bits[7:0] (default: 0x05)
0x0472
[7:0]
The denominator of the fractional-N feedback divider, Bits[15:8] (default: 0x00)
0x0473
[7:0]
The denominator of the fractional-N feedback divider, Bits[23:17] (default: 0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com