Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 92 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 92 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 88Page - Analog Devices AD9559PCBZ Datasheet HTML 89Page - Analog Devices AD9559PCBZ Datasheet HTML 90Page - Analog Devices AD9559PCBZ Datasheet HTML 91Page - Analog Devices AD9559PCBZ Datasheet HTML 92Page - Analog Devices AD9559PCBZ Datasheet HTML 93Page - Analog Devices AD9559PCBZ Datasheet HTML 94Page - Analog Devices AD9559PCBZ Datasheet HTML 95Page - Analog Devices AD9559PCBZ Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 92 of 120
Table 112. DPLL_1 History Mode
Address
Bits
Bit Name
Description
0x050D
[7:5]
Reserved
Reserved.
4
Single sample fallback
Controls holdover history. If tuning word history is not available for the reference that was
active just prior to holdover, then:
0 (default) = use the free running frequency tuning word register value.
1 = use the last tuning word from the DPLL.
3
Persistent history
Controls holdover history initialization. When switching to a new reference:
0 (default) = clear the tuning word history.
1 = retain the previous tuning word history.
[2:0]
Incremental average
History mode value from 0 to 7 (default = 0)
When set to nonzero, causes the first history accumulation to update prior to the first
complete averaging period. After the first full interval, updates occur only at the full period.
0 (default) = update only after the full interval has elapsed.
1 = update at 1/2 the full interval.
2 = update at 1/4 and 1/2 of the full interval.
3 = update at 1/8, 1/4, and 1/2 of the full interval.
…
7 = update at 1/256, 1/128, 1/64, 1/32, 1/16, 1/8, 1/4, and 1/2 of the full interval.
Table 113. DPLL_1 Fixed Closed Loop Phase Offset
Address
Bits
Bit Name
Description
0x050E
[7:0]
Fixed phase offset
(signed; ps)
Fixed phase offset, Bits[7:0]
Default: 0x00
0x050F
[7:0]
Fixed phase offset, Bits[15:8]
Default 0x00
0x0510
[7:0]
Fixed phase offset, Bits[23:16]
Default: 0x00
0x0511
[7:6]
Reserved
Reserved; default: 0x0
[5:0]
Fixed phase offset
(signed; ps)
Fixed phase offset, Bits[29:24]
Default: 0x00
Table 114. DPLL_1 Incremental Closed-Loop Phase Offset Step Size1
Address
Bits
Bit Name
Description
0x0512
[7:0]
Incremental phase
offset step size (ps)
Incremental phase offset step size, Bits[7:0].
Default: 0x00.
This register controls the static phase offset of the DPLL while it is locked.
0x0513
[7:0]
Incremental phase offset step size, Bits[15:8].
Default: 0x00.
This register controls the static phase offset of the DPLL while it is locked.
1
Note that the default incremental closed loop phase lock offset step size value is 0x0000 = 0 (0 ns).
Table 115. DPLL_1 Phase Slew Rate Limit
Address
Bits
Bit Name
Description
0x0514
[7:0]
Phase slew rate limit
(µs/sec)
Phase slew rate limit, Bits[7:0].
Default: 0x00.
This register controls the maximum allowable phase slewing during phase adjustment
(The phase adjustment controls are in Register 0x050E to Register 0x0511.)
Default phase slew rate limit: 0, or disabled. Minimum useful value is 310 µs/sec.
0x0515
[7:0]
Phase slew rate limit, Bits[15:8].
Default = 0x00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com