Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 37Page - Analog Devices AD9559PCBZ Datasheet HTML 38Page - Analog Devices AD9559PCBZ Datasheet HTML 39Page - Analog Devices AD9559PCBZ Datasheet HTML 40Page - Analog Devices AD9559PCBZ Datasheet HTML 41Page - Analog Devices AD9559PCBZ Datasheet HTML 42Page - Analog Devices AD9559PCBZ Datasheet HTML 43Page - Analog Devices AD9559PCBZ Datasheet HTML 44Page - Analog Devices AD9559PCBZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 41 of 120
The 3.3 V CMOS drivers feature a CMOS drive strength that
allows the user to choose between a strong, high performance
CMOS driver or a lower power setting with less EMI and
crosstalk. The best setting is application dependent.
•
All outputs have an LVDS boost mode that provides
increased output amplitude in applications that require it.
•
For applications where LVPECL levels are required, the
user should choose the HSTL mode and then ac-couple
the output signal. See the Input/Output Termination
Recommendations section for recommended termination
schemes.
CLOCK DISTRIBUTION SYNCHRONIZATION
Divider Synchronization
The dividers in the channels can be synchronized with each other.
At power-up, they are held static until a sync signal is initiated
through serial port, EEPROM event, DPLL locked sync, or
a reference edge-initiated sync. This provides time for program-
ming the dividers and for the DPLL to lock before the outputs are
enabled. A user-initiated sync signal can also be supplied to the
dividers at any time (as a manual synchronization) using an M pin.
A channel can be programmed to ignore the sync function.
When programmed to ignore the sync, the channel sync block
issues a sync pulse immediately, and the channel ignores all
other sync signals.
The digital logic triggers a sync event from one of the following
sources:
•
Register programming through serial port
•
EEPROM programming
•
A multifunction pin configured for the SYNC signal
•
Other automatic conditions determined by the DPLL
configuration: DPLL lock or feedback divider pulse



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com