Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 98Page - Analog Devices AD9559PCBZ Datasheet HTML 99Page - Analog Devices AD9559PCBZ Datasheet HTML 100Page - Analog Devices AD9559PCBZ Datasheet HTML 101Page - Analog Devices AD9559PCBZ Datasheet HTML 102Page - Analog Devices AD9559PCBZ Datasheet HTML 103Page - Analog Devices AD9559PCBZ Datasheet HTML 104Page - Analog Devices AD9559PCBZ Datasheet HTML 105Page - Analog Devices AD9559PCBZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 102 of 120
Table 149. Reference Input Monitor Bypass
Address
Bits
Bit Name
Description
0x0A04
[7:4]
Reserved
Default: 0x0
3
REFD monitor bypass
Bypasses REFD input receiver frequency monitor
0 (default) = REFD frequency monitor not bypassed
1 = REFD frequency monitor bypassed
2
REFC monitor bypass
Bypasses REFC input receiver frequency monitor
0 (default) = REFC frequency monitor not bypassed
1 = REFC frequency monitor bypassed
1
REFB monitor bypass
Bypasses REFB input receiver frequency monitor
0 (default) = REFB frequency monitor not bypassed
1 = REFBB frequency monitor bypassed
0
REFA monitor bypass
Bypasses REFA input receiver frequency monitor
0 (default) = REFA frequency monitor not bypassed
1 = REFA frequency monitor bypassed
IRQ Clearing (Register 0x0A05 to Register 0x0A0E)
The IRQ clearing registers are identical in format to the IRQ monitor registers (Register 0x0D08 to Register 0x0D10). When set to Logic 1,
an IRQ clearing bit resets the corresponding IRQ monitor bit, thereby cancelling the interrupt request for the indicated event. The IRQ
clearing registers are autoclearing.
Table 150. IRQ Clearing of Groups
Address
Bits
Bit Name
Description
0x0A05
7
Clear watchdog timer
Clears watchdog timer alert
[6:4]
Reserved
Reserved
3
Clear DPLL_1 IRQs
Clears all IRQs associated with DPLL_1
2
Clear DPLL_0 IRQs
Clears all IRQs associated with DPLL_0
1
Clear common IRQs
Clears all IRQs associated with common IRQ group
0
Clear all IRQs
Clears all IRQs
Table 151. IRQ Clearing for SYSCLK and EEPROM
Address
Bits
Bit Name
Description
0x0A06
7
Reserved
Reserved
6
SYSCLK unlocked
Clears IRQ indicating a SYSCLK PLL state transition from locked to unlocked
5
SYSCLK stable
Clears IRQ indicating that SYSCLK stability time has expired and that the SYSCLK PLL is
considered to be stable.
4
SYSCLK locked
Clears IRQ indicating a SYSCLK PLL state transition from unlocked to locked
3
Watchdog timer
Clears IRQ indicating expiration of the watchdog timer
2
Reserved
Reserved
1
EEPROM fault
Clears IRQ indicating a fault during an EEPROM load or save operation
0
EEPROM complete
Clears IRQ indicating successful completion of an EEPROM load or save operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com