Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 104 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 104 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 100Page - Analog Devices AD9559PCBZ Datasheet HTML 101Page - Analog Devices AD9559PCBZ Datasheet HTML 102Page - Analog Devices AD9559PCBZ Datasheet HTML 103Page - Analog Devices AD9559PCBZ Datasheet HTML 104Page - Analog Devices AD9559PCBZ Datasheet HTML 105Page - Analog Devices AD9559PCBZ Datasheet HTML 106Page - Analog Devices AD9559PCBZ Datasheet HTML 107Page - Analog Devices AD9559PCBZ Datasheet HTML 108Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 104 of 120
Table 154. IRQ Clearing for Digital PLL1 (DPLL_1)
Address
Bits
Bit Name
Description
0x0A0C
7
Frequency unclamp
Clears IRQ indicating that DPLL_1 has exited a frequency clamped state
6
Frequency clamp
Clears IRQ indicating that DPLL_1 has entered a frequency clamped state
5
Phase slew unlimited
Clears IRQ indicating that DPLL_1 has exited a phase slew limited state
4
Phase slew limited
Clears IRQ indicating that DPLL_1 has entered a phase slew limited state
3
Frequency unlocked
Clears IRQ indicating that DPLL_1 has lost frequency lock
2
Frequency locked
Clears IRQ indicating that DPLL_1 has acquired frequency lock
1
Phase unlocked
Clears IRQ indicating that DPLL_1 has lost phase lock
0
Phase locked
Clears IRQ indicating that DPLL_1 has acquired phase lock
0x0A0D
7
DPLL_1 switching
Clears IRQ indicating that DPLL_1 is switching to a new reference
6
DPLL_1 free run
Clears IRQ indicating that DPLL_1 has entered free run mode
5
DPLL_1 holdover
Clears IRQ indicating that DPLL_1 has entered holdover mode
4
History updated
Clears IRQ indicating that DPLL_1 has updated its tuning word history
3
REFD activated
Clears IRQ indicating that DPLL_1 has activated REFD
2
REFC activated
Clears IRQ indicating that DPLL_1 has activated REFC
1
REFB activated
Clears IRQ indicating that DPLL_1 has activated REFB
0
REFA activated
Clears IRQ indicating that DPLL_1 has activated REFA
0x0A0E
[7:5]
Reserved
Reserved
4
Sync distribution
Clears IRQ indicating a distribution sync event
3
APLL_1 unlocked
Clears IRQ indicating that APLL_1 has been unlocked
2
APLL_1 locked
Clears IRQ indicating that APLL_1 has been locked
1
APLL_1 cal complete
Clears IRQ indicating that APLL_1 calibration complete
0
APLL_1 cal started
Clears IRQ indicating that APLL_1 calibration started
PLL_0 OPERATIONAL CONTROLS (REGISTER 0x0A20 TO REGISTER 0x0A24)
Table 155. PLL_0 Sync and Calibration
Address
Bits
Bit Name
Description
0x0A20
[7:3]
Reserved
Default: 0x0
2
APLL_0 soft sync
Setting this bit initiates synchronization of the clock distribution output. Default: 0b.
Nonmasked outputs stall when value is 1; restart is initialized on a 1-to-0 transition.
1
APLL_0 calibrate
(not self-clearing)
1 = initiates VCO calibration (calibration occurs on a 0-to-1 transition).
0 (default) = does nothing.
This bit is not an autoclearing bit.
0
PLL_0 power-down
Places DPLL_0, APLL_0, and PLL_0 clock in deep sleep mode.
Default: the device is not powered down.
Table 156. PLL_0 Output Disable
Address
Bits
Bit Name
Description
0x0A21
[7:4]
Reserved
Default 0x0
3
OUT0B disable
Setting this bit puts the only OUT0B driver into power-down. Default: 0b.
Channel synchronization is maintained, but runt pulses may be generated.
2
OUT0A disable
Setting this bit puts the only OUT0A driver into power-down. Default: 0b.
Channel synchronization is maintained, but runt pulses may be generated.
1
OUT0B channel power-down
Setting this bit puts the OUT0B divider and driver into power-down. Default: 0b.
This mode saves the most power, but runt pulses may be generated during exit.
0
OUT0A channel power-down
Setting this bit puts the OUT0A divider and driver into power-down. Default: 0b.
This mode saves the most power, but runt pulses may be generated during exit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com