Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 108 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 108 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 104Page - Analog Devices AD9559PCBZ Datasheet HTML 105Page - Analog Devices AD9559PCBZ Datasheet HTML 106Page - Analog Devices AD9559PCBZ Datasheet HTML 107Page - Analog Devices AD9559PCBZ Datasheet HTML 108Page - Analog Devices AD9559PCBZ Datasheet HTML 109Page - Analog Devices AD9559PCBZ Datasheet HTML 110Page - Analog Devices AD9559PCBZ Datasheet HTML 111Page - Analog Devices AD9559PCBZ Datasheet HTML 112Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 108 of 120
Table 167. Status of Reference Inputs
Address
Bits
Bit Name
Description
0x0D02
[7:6]
Reserved
Default: 00b.
5
DPLL_1 REFA active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFA.
4
DPLL_0 REFA active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFA.
3
REFA valid
This bit is 1 if the REFA frequency is within the programmed limits.
2
REFA fault
This bit is 1 if the REFA frequency is outside of the programmed limits.
1
REFA fast
This bit is 1 if the REFA frequency is higher than allowed by its profile settings.
0
REFA slow
This bit is 1 if the REFA frequency is lower than allowed by its profile settings.
0x0D03
[7:6]
Reserved
Default: 00b.
5
DPLL_1 REFB active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFB.
4
DPLL_0 REFB active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFB.
3
REFB valid
This bit is 1 if the REFB frequency is within the programmed limits.
2
REFB fault
This bit is 1 if the REFB frequency is outside of the programmed limits.
1
REFB fast
This bit is 1 if the REFB frequency is higher than allowed by its profile settings.
0
REFB slow
This bit is 1 if the REFB frequency is lower than allowed by its profile settings.
0x0D04
[7:6]
Reserved
Default: 00b.
5
DPLL_1 REFC active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFC.
4
DPLL_0 REFC active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFC.
3
REFC valid
This bit is 1 if the REFC frequency is within the programmed limits.
2
REFC fault
This bit is 1 if the REFC frequency is outside of the programmed limits.
1
REFC fast
This bit is 1 if the REFC frequency is higher than allowed by its profile settings.
0
REFC slow
This bit is 1 if the REFC frequency is lower than allowed by its profile settings.
0x0D05
[7:6]
Reserved
Default: 00b.
5
DPLL_1 REFD active
This bit is 1 if DPLL_1 is either locked to or attempting to lock to REFD.
4
DPLL_0 REFD active
This bit is 1 if DPLL_0 is either locked to or attempting to lock to REFD.
3
REFD valid
This bit is 1 if the REFD frequency is within the programmed limits.
2
REFD fault
This bit is 1 if the REFD frequency is outside of the programmed limits.
1
REFD fast
This bit is 1 if the REFD frequency is higher than allowed by its profile settings.
0
REFD slow
This bit is 1 if the REFD frequency is lower than allowed by its profile settings.
IRQ MONITOR (REGISTER 0x0D08 TO REGISTER 0x0D10)
If not masked via the IRQ mask registers (Register 0x010A to Register 0x0112), the appropriate IRQ monitor bit is set to Logic 1 when the
indicated event occurs. These bits can be cleared only by a device reset, or by setting the clear all IRQs bit in Register 0x0A05, or by
setting the IRQ clearing registers (Register 0x0A05 to Register 0x0A0E).
Table 168. IRQ for Common Functions
Address
Bits
Bit Name
Description
0x0D08
7
Reserved
Reserved
6
SYSCLK unlocked
IRQ indicating a SYSCLK PLL state transition from locked to unlocked
5
SYSCLK stable
IRQ indicating that SYSCLK stability time has expired and that the SYSCLK PLL is
considered to be stable
4
SYSCLK locked
IRQ indicating a SYSCLK PLL state transition from unlocked to locked
3
Watchdog timer
IRQ indicating expiration of the watchdog timer
2
Reserved
Reserved
1
EEPROM fault
IRQ indicating a fault during an EEPROM load or save operation
0
EEPROM complete
IRQ indicating successful completion of an EEPROM load or save operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com