Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 111 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 111 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 107Page - Analog Devices AD9559PCBZ Datasheet HTML 108Page - Analog Devices AD9559PCBZ Datasheet HTML 109Page - Analog Devices AD9559PCBZ Datasheet HTML 110Page - Analog Devices AD9559PCBZ Datasheet HTML 111Page - Analog Devices AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 111 of 120
Table 172. DPLL_0 Loop State
Address
Bits
Bit Name
Description
0x0D21
[7:5]
Reserved
Default: 000b.
[4:3]
DPLL_0 active ref
Indicates the reference input that DPLL_0 is using.
00 = DPLL_0 has selected REFA.
01 = DPLL_0 has selected REFB.
10 = DPLL_0 has selected REFC.
11 = DPLL_0 has selected REFD.
2
DPLL_0 switching
Indicates that DPLL_0 is switching input references.
0 = DPLL is not switching.
1 = DPLL is switching input references.
1
DPLL_0 holdover
Indicates that DPLL_0 is in holdover mode.
0 = not in holdover.
1 = in holdover mode.
0
DPLL_0 free run
Indicates that DPLL_0 is in free run mode.
0 = not in free run mode.
1 = in free run mode.
0x0D22
[7:3]
Reserved
Default: 00000b.
2
DPLL_0 phase slew limited
The control logic sets this bit when DPLL_0 is phase-slew limited.
1
DPLL_0 frequency clamped
The control logic sets this bit when DPLL_0 is frequency clamped.
0
DPLL_0 history available
The control logic sets this bit when the tuning word history of DPLL_0 is available.
(See Register 0x0D23 to Register 0x0D26 for the tuning word.)
Table 173. DPLL_0 Holdover History
Address
Bits
Bit Name
Description
0x0D23
[7:0]
DPLL_0 tuning word
readback
DPLL_0 tuning word readback bits, Bits[7:0]. This group of registers contains the averaged
digital PLL tuning word used when the DPLL enters holdover. Setting the history
accumulation timer to its minimal value allows the user to use these registers for a read-
back of the most recent DPLL tuning word without averaging.
0x0D24
[7:0]
DPLL_0 tuning word readback, Bits[15:8].
0x0D25
[7:0]
DPLL_0 tuning word readback, Bits[23:9].
0x0D26
[7:6]
Reserved.
[5:0]
DPLL_0 tuning word readback, Bits[29:24].
Table 174. DPLL_0 Phase Lock and Frequency Lock Bucket Levels
Address
Bits
Bit Name
Description
0x0D27
[7:0]
DPLL_0 phase lock detect
bucket level
Read-only digital PLL lock detect bucket level, Bits[7:0]; see the DPLL Frequency Lock
Detector section for details.
0x0D28
[7:4]
Reserved
Reserved.
[3:0]
DPLL_0 phase lock detect
bucket level
Read-only digital PLL lock detect bucket level, Bits[11:8]; see the DPLL Frequency Lock
Detector section for details.
0x0D29
[7:0]
DPLL_0 frequency lock
detect bucket level
Read-only digital PLL lock detect bucket level, Bits[7:0]; see the DPLL Phase Lock
Detector section for details.
0x0D2A
[7:4]
Reserved
Reserved.
[3:0]
DPLL_0 frequency lock
detect bucket level
Read-only digital PLL lock detect bucket level, Bits[11:8]; see the DPLL Phase Lock
Detector section for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com