Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 112 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 112 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 108Page - Analog Devices AD9559PCBZ Datasheet HTML 109Page - Analog Devices AD9559PCBZ Datasheet HTML 110Page - Analog Devices AD9559PCBZ Datasheet HTML 111Page - Analog Devices AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices AD9559PCBZ Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 112 of 120
PLL_1 READ-ONLY STATUS (REGISTER 0x0D40 TO REGISTER 0x0D4A)
All bits in Register 0x0D40 to Register 0x0D4A are read only. To report the latest status, these bits require an IO_UPDATE (Register 0x0005 =
0x01) immediately before being read.
Table 175. PLL_1 Lock Status
Address
Bits
Bit Name
Description
0x0D40
[7:5]
Reserved
Default: 000b
4
APLL_1
cal in progress
The control logic holds this bit set while the calibration of the APLL_1 VCO is in progress.
3
APLL_1 locked
Indicates the status of APLL_1.
0 = unlocked.
1 = locked.
2
DPLL_1 frequency lock
Indicates the frequency lock status of DPLL_1.
0 = unlocked.
1 = locked.
1
DPLL_1 phase lock
Indicates the phase lock status of DPLL_1.
0 = unlocked.
1 = locked.
0
PLL_1 all locked
Indicates the status of the system clock, APLL_1, and DPLL_1.
0 = system clock PLL or APLL_1 or DPLL_1 is unlocked.
1 = all three PLLs (system clock PLL, APLL_1, and DPLL_1) are locked.
Table 176. DPLL_1 Loop State
Address
Bits
Bit Name
Description
0x0D41
[7:5]
Reserved
Default: 000b.
[4:3]
DPLL_1 active ref
Indicates the reference input that DPLL_0 is using.
00 = DPLL_1 has selected REFA.
01 = DPLL_1 has selected REFB.
10 = DPLL_1 has selected REFC.
11 = DPLL_1 has selected REFD.
2
DPLL_1 switching
Indicates that DPLL_1 is switching input references.
0 = DPLL is not switching.
1 = DPLL is switching input references.
1
DPLL_1 holdover
Indicates that DPLL_1 is in holdover mode.
0 = not in holdover mode.
1 = in holdover mode.
0
DPLL_1 free run
Indicates that DPLL_1 is in free run mode.
0 = not in free run mode.
1 = in free run mode.
0x0D42
[7:3]
Reserved
Default: 00000b.
2
DPLL_1 phase slew limited
The control logic sets this bit when DPLL_1 is phase-slew limited.
1
DPLL_1 frequency clamped
The control logic sets this bit when DPLL_1 is frequency clamped.
0
DPLL_1 history updated
The control logic sets this bit when the tuning word history of DPLL_1 is available.
(See Register 0x0D43 to Register 0x0D46 for the tuning word.)
Table 177. DPLL_1 Holdover History
Address
Bits
Bit Name
Description
0x0D43
[7:0]
DPLL_0 tuning word
readback
DPLL_1 tuning word readback bits, Bits[7:0]. This group of registers contains the averaged
digital PLL tuning word used when the DPLL enters holdover. Setting the history
accumulation timer to its minimal value allows the user to use these registers for
a readback of the most recent DPLL tuning word without averaging.
0x0D44
[7:0]
DPLL_1 tuning word readback, Bits[15:8].
0x0D45
[7:0]
DPLL_1 tuning word readback, Bits[23:9].
0x0D46
[7:6]
Reserved.
[5:0]
DPLL_1 tuning word readback, Bits[29:24].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com