Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 116 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 116 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices AD9559PCBZ Datasheet HTML 116Page - Analog Devices AD9559PCBZ Datasheet HTML 117Page - Analog Devices AD9559PCBZ Datasheet HTML 118Page - Analog Devices AD9559PCBZ Datasheet HTML 119Page - Analog Devices AD9559PCBZ Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 116 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 116 of 120
Table 187. EEPROM Storage Sequence for APLL_1 Configuration and Output Drivers
Address
Bits
Bit Name
Description
0x0E33
[7:0]
APLL_1 config
and output
drivers
The default value of this register is 0x0E, which the controller interprets as a data instruction. Its
decimal value is 14, which tells the controller to transfer 15 bytes of data (14 + 1) beginning at the
address specified by the next two bytes. The controller stores 0x0E in the EEPROM and increments
the EEPROM address pointer.
0x0E34
[7:0]
The default value of these two registers is 0x0520. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0520). The controller stores
0x0520 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 15 bytes from the
register map (beginning at Address 0x0520) to the EEPROM and increments the EEPROM address
pointer by 16 (15 data bytes and one checksum byte). The 15 bytes transferred correspond to the
APLL_1 settings as well as the PLL_1 output driver settings in the register map.
0x0E35
[7:0]
Table 188. EEPROM Storage Sequence for PLL_1 Dividers and BW Settings
Address
Bits
Bit Name
Description
0x0E36
[7:0]
DPLL_1 dividers
and BW
The default value of this register is 0x33, which the controller interprets as a data instruction. Its
decimal value is 52, which tells the controller to transfer 53 bytes of data (52 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x33 in the EEPROM and increments
the EEPROM address pointer.
0x0E37
[7:0]
The default value of these two registers is 0x0540. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0540). The controller stores
0x0540 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 53 bytes from the
register map (beginning at Address 0x0540) to the EEPROM and increments the EEPROM address
pointer by 54 (53 data bytes and one checksum byte). The 53 bytes transferred correspond to the
DPLL_1 feedback dividers and loop BW settings in the register map.
0x0E38
[7:0]
Table 189. EEPROM Storage Sequence for Loop Filter Settings
Address
Bits
Bit Name
Description
0x0E39
[7:0]
Loop filter
The default value of this register is 0x17, which the controller interprets as a data instruction. Its
decimal value is 23, which tells the controller to transfer 24 bytes of data (23 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x17 in the EEPROM and increments
the EEPROM address pointer.
0x0E3A
[7:0]
The default value of these two registers is 0x0800. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0800). The controller stores
0x0800 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 24 bytes from the
register map (beginning at Address 0x0800) to the EEPROM and increments the EEPROM address
pointer by 25 (24 data bytes and one checksum byte). The 24 bytes transferred are the loop filter
settings in the register map.
0x0E3B
[7:0]
Table 190. EEPROM Storage Sequence for Common Operational Control Settings
Address
Bits
Bit Name
Description
0x0E3C
[7:0]
Common
operational
controls
The default value of this register is 0x0E, which the controller interprets as a data instruction. Its
decimal value is 14, which tells the controller to transfer 15 bytes of data (14 + 1), beginning at the
address specified by the next two bytes. The controller stores 0x0E in the EEPROM and increments
the EEPROM address pointer.
0x0E3D
[7:0]
The default value of these two registers is 0x0A00. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0A00). The controller stores
0x0A00 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 15 bytes from the
register map (beginning at Address 0x0A00) to the EEPROM and increments the EEPROM address
pointer by 16 (15 data bytes and one checksum byte). The 15 bytes transferred correspond to the
common operational controls in the register map.
0x0E3E
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com