Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 119 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 119 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices AD9559PCBZ Datasheet HTML 116Page - Analog Devices AD9559PCBZ Datasheet HTML 117Page - Analog Devices AD9559PCBZ Datasheet HTML 118Page - Analog Devices AD9559PCBZ Datasheet HTML 119Page - Analog Devices AD9559PCBZ Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 119 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 119 of 120
Table 197. Multifunction Pin Input Functions (D7 = 0)
Bits[D7:D0] Value
Output Function
Destination Proxy
0x00
Reserved—high-Z input
None
0x01
IO_UPDATE
Register 0x0005, Bit 0
0x02
Full power-down
Register 0x0A00, Bit 0
0x03
Clear watchdog timer
Register 0x0A05, Bit 7
0x04
Sync all channel dividers
Register 0x0A00, Bit 2
0x10
Clear all IRQs
Register 0x0A05, Bit 0
0x11
Clear common IRQs
Register 0x0A05, Bit 1
0x12
Clear DPLL_0 IRQs
Register 0x0A05, Bit 2
0x13
Clear DPLL_1 IRQs
Register 0x0A05, Bit 3
0x20/0x21/0x22/0x23
Force fault REFA/REFB/REFC/REFD
Register 0x0A03, Bits[3:0]
0x28/0x29/0x2A/0x2B
Force validation timeout REFA/REFB/REFC/REFD
Register 0x0A02, Bits[3:0]
0x40
PLL_0 power-down
Register 0x0A20, Bit 0
0x41
DPLL_0 user free run
Register 0x0A22, Bit 0
0x42
DPLL_0 user holdover
Register 0x0A22, Bit 1
0x43
DPLL_0 tuning word history reset
Register 0x0A23, Bit 1
0x44
DPLL_0 increment incremental phase offset
Register 0x0A24, Bit 0
0x45
DPLL_0 decrement incremental phase offset
Register 0x0A24, Bit 1
0x46
DPLL_0 reset incremental phase offset
Register 0x0A24, Bit 2
0x48
APLL_0 sync clock distribution outputs
Register 0x0A20, Bit 2
0x49
PLL_0 disable all output drivers
Register 0x0A21, Bits[3:2]
0x4A
PLL_0 disable OUT0A
Register 0x0A21, Bit 2
0x4B
PLL_0 disable OUT0B
Register 0x0A21, Bit 3
0x4C
PLL_0 manual reference input selection, Bit 0
Register 0x0A22, Bit 5
0x4D
PLL_0 manual reference input selection, Bit 1
Register 0x0A22, Bit 6
0x50
PLL_1 power-down
Register 0x0A40, Bit 0
0x51
DPLL_1 user free run
Register 0x0A42, Bit 0
0x52
DPLL_1 user holdover
Register 0x0A42, Bit 1
0x53
DPLL_1 tuning word history reset
Register 0x0A43, Bit 1
0x54
DPLL_1 increment incremental phase offset
Register 0x0A44, Bit 0
0x55
DPLL_1 decrement incremental phase offset
Register 0x0A44, Bit 1
0x56
DPLL_1 reset incremental phase offset
Register 0x0A44, Bit 2
0x58
APLL_1 sync clock distribution outputs
Register 0x0A40, Bit 2
0x59
PLL_1 disable all output drivers
Register 0x0A41, Bits[3:2]
0x5A
PLL_1 disable OUT1A
Register 0x0A41, Bit 2
0x5B
PLL_1 disable OUT1B
Register 0x0A41, Bit 3
0x5C
PLL_1 manual reference input selection, Bit 0
Register 0x0A42, Bit 5
0x5D
PLL_1 manual reference input selection, Bit 1
Register 0x0A42, Bit 6
0x5E to 0x7F
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com