Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 118 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 118 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices AD9559PCBZ Datasheet HTML 116Page - Analog Devices AD9559PCBZ Datasheet HTML 117Page - Analog Devices AD9559PCBZ Datasheet HTML 118Page - Analog Devices AD9559PCBZ Datasheet HTML 119Page - Analog Devices AD9559PCBZ Datasheet HTML 120Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 118 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 118 of 120
Table 196. Multifunction Pin Output Functions (D7 = 1)
Bits[D7:D0] Value
Output Function
Source Proxy
0x80
Static Logic 0
None
0x81
Static Logic 1
None
0x82
System clock divided by 32
None
0x83
Watchdog timer output (40 ns strobe when timer expires)
None
0x84
EEPROM upload (write to EEPROM) in progress
Register 0x0D00, Bit 0
0x85
EEPROM download (read from EEPROM) in progress
Register 0x0D00, Bit 1
0x86
EEPROM fault detected
Register 0x0D00, Bit 2
0x88
SYSCLK PLL lock detected
Register 0x0D01, Bit 0
0x89
SYSCLK PLL stable
Register 0x0D01, Bit 1
0x8A
PLL_0 and PLL_1 all locked (logical AND of 0x8B and 0x8C)
Register 0x0D01, Bit 2 and Bit 3
0x8B
(DPLL_0 phase lock) and (APLL_0 lock) and (sys PLL lock)
Register 0x0D01, Bit 2
0x8C
(DPLL_1 phase lock) and (APLL_1 lock) and (sys PLL lock)
Register 0x0D01, Bit 3
0x90
(IRQ_common) OR (IRQ_PLL_0) OR (IRQ_PLL_1)
None
0x91
IRQ_common
None
0x92
IRQ_PLL_0
None
0x93
IRQ_PLL_1
None
0xA0/0xA1/0xA2/0xA3
REFA/REFB/REFC/REFD fault
Register 0x0D02/0x0D03/0x0D04/0x0D05, Bit 2
0xA8/0xA9/0xAA/0xAB
REFA/REFB/REFC/REFD valid
Register 0x0D02/0x0D03/0x0D04/0x0D05, Bit 3
0xB0
(DPLL_0 REFA active) OR (DPLL_1 REFA active)
Register 0x0D02, Bit 4 || Bit 5
0xB1
(DPLL_0 REFB active) OR (DPLL_1 REFB active)
Register 0x0D03, Bit 4 || Bit 5
0xB2
(DPLL_0 REFC active) OR (DPLL_1 REFC active)
Register 0x0D04, Bit 4 || Bit 5
0xB3
(DPLL_0 REFD active) OR (DPLL_1 REFD active)
Register 0x0D05, Bit 4 || Bit 5
0xC0
DPLL_0 phase locked
Register 0x0D20, Bit 1
0xC1
DPLL_0 frequency locked
Register 0x0D20, Bit 2
0xC2
APLL_0 lock detect
Register 0x0D20, Bit 3
0xC3
APLL_0 cal in process
Register 0x0D20, Bit 4
0xC4
DPLL_0 active
Register 0x0D0C, Bit 4 || Bit 3 || Bit 2 || Bit 1
0xC5
DPLL_0 in free run mode
Register 0x0D21, Bit 0
0xC6
DPLL_0 in holdover
Register 0x0D21, Bit 1
0xC7
DPLL_0 in reference switchover
Register 0x0D21, Bit 2
0xC8
DPLL_0 tuning word history available
Register 0x0D22, Bit 0
0xC9
DPLL_0 tuning word history updated
Register 0x0D0C, Bit 4
0xCA
DPLL_0 tuning word clamp activated
Register 0x0D22, Bit 1
0xCB
DPLL_0 phase slew limited
Register 0x0D22, Bit 2
0xCC
PLL_0 clock distribution sync pulse
Register 0x0D0D, Bit 4
0xD0
DPLL_1 phase locked
Register 0x0D40, Bit 1
0xD1
DPLL_1 frequency locked
Register 0x0D40, Bit 2
0xD2
APLL_1 lock detect
Register 0x0D40, Bit 3
0xD3
APLL_1 cal in process
Register 0x0D40, Bit 4
0xD4
DPLL_1 active
Register 0x0D0F, Bit 4 || Bit 3 || Bit 2 || Bit 1
0xD5
DPLL_1 in free run mode
Register 0x0D41, Bit 0
0xD6
DPLL_1 in holdover
Register 0x0D41, Bit 1
0xD7
DPLL_1 in reference switchover
Register 0x0D41, Bit 2
0xD8
DPLL_1 tuning word history available
Register 0x0D42, Bit 0
0xD9
DPLL_1 tuning word history updated
Register 0x0D0F, Bit 4
0xDA
DPLL_1 tuning word clamp activated
Register 0x0D42, Bit 1
0xDB
DPLL_1 phase slew limited
Register 0x0D42, Bit 2
0xDC
PLL_1 clock distribution sync pulse
Register 0x0D10, Bit 4
0xDD to 0xFF
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com