Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 114 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 114 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 110Page - Analog Devices AD9559PCBZ Datasheet HTML 111Page - Analog Devices AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices AD9559PCBZ Datasheet HTML 114Page - Analog Devices AD9559PCBZ Datasheet HTML 115Page - Analog Devices AD9559PCBZ Datasheet HTML 116Page - Analog Devices AD9559PCBZ Datasheet HTML 117Page - Analog Devices AD9559PCBZ Datasheet HTML 118Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 120 page
background image
AD9559
Data Sheet
Rev. 0 | Page 114 of 120
Table 181. EEPROM Storage Sequence for System Clock Settings
Address
Bits
Bit Name
Description
0x0E17
[7:0]
System clock
The default value of this register is 0x07, which is a data instruction. Its decimal value is 7, which
tells the controller to transfer eight bytes of data (7 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x07 in the EEPROM and increments the EEPROM address pointer.
0x0E18
[7:0]
The default value of these two registers is 0x0200. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0200). The controller stores
0x0200 in the EEPROM and increments the EEPROM pointer by 2. It then transfers eight bytes from
the register map (beginning at Address 0x0200) to the EEPROM and increments the EEPROM
address pointer by 9 (eight data bytes and one checksum byte). The eight bytes transferred
correspond to the system clock settings in the register map.
0x0E19
[7:0]
0x0E1A
[7:0]
IO_UPDATE
The default value of this register is 0x80, which the controller interprets as an IO_UPDATE instruction.
The controller stores 0x80 in the EEPROM and increments the EEPROM address pointer.
Table 182. EEPROM Storage Sequence for Reference Input Settings
Address
Bits
Bit Name
Description
0x0E1B
[7:0]
REFA
The default value of this register is 0x1A, which is a data instruction. Its decimal value is 26, which
tells the controller to transfer 27 bytes of data (26 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address pointer.
0x0E1C
[7:0]
The default value of these two registers is 0x0300. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0300). The controller stores
0x0300 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 27 bytes from the
register map (beginning at Address 0x0300) to the EEPROM and increments the EEPROM address
pointer by 28 (27 data bytes and one checksum byte). The 27 bytes transferred correspond to the
REFA parameters in the register map.
0x0E1D
[7:0]
0x0E1E
[7:0]
REFB
The default value of this register is 0x1A, which is a data instruction. Its decimal value is 26, which
tells the controller to transfer 27 bytes of data (26 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address pointer.
0x0E1F
[7:0]
The default value of these two registers is 0x0320. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0320). The controller stores
0x0320 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 27 bytes from the
register map (beginning at Address 0x0320) to the EEPROM and increments the EEPROM address
pointer by 28 (27 data bytes and one checksum byte). The 27 bytes transferred correspond to the
REFB parameters in the register map.
0x0E20
[7:0]
0x0E21
[7:0]
REFC
The default value of this register is 0x1A, which is a data instruction. Its decimal value is 26, which
tells the controller to transfer 27 bytes of data (26 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address pointer.
0x0E22
[7:0]
The default value of these two registers is 0x0340. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0340). The controller stores
0x0340 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 27 bytes from the
register map (beginning at Address 0x0340) to the EEPROM and increments the EEPROM address
pointer by 28 (27 data bytes and one checksum byte). The 27 bytes transferred correspond to the
REFC parameters in the register map.
0x0E23
[7:0]
0x0E24
[7:0]
REFD
The default value of this register is 0x1A, which is a data instruction. Its decimal value is 26, which
tells the controller to transfer 27 bytes of data (26 + 1), beginning at the address specified by the
next two bytes. The controller stores 0x1A in the EEPROM and increments the EEPROM address pointer.
0x0E25
[7:0]
The default value of these two registers is 0x0360. Because the previous register contains a data
instruction, these two registers define a starting address (in this case, 0x0360). The controller stores
0x0360 in the EEPROM and increments the EEPROM pointer by 2. It then transfers 27 bytes from the
register map (beginning at Address 0x0360) to the EEPROM and increments the EEPROM address
pointer by 28 (27 data bytes and one checksum byte). The 27 bytes transferred correspond to the
REFD parameters in the register map.
0x0E26
[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com