Electronic Components Datasheet Search
  English  ▼

X  

AD9559PCBZ Datasheet(PDF) 109 Page - Analog Devices

Part # AD9559PCBZ
Description  Dual PLL, Quad Input, Multiservice Line Card Adaptive Clock Translator
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9559PCBZ Datasheet(HTML) 109 Page - Analog Devices

Back Button AD9559PCBZ Datasheet HTML 105Page - Analog Devices AD9559PCBZ Datasheet HTML 106Page - Analog Devices AD9559PCBZ Datasheet HTML 107Page - Analog Devices AD9559PCBZ Datasheet HTML 108Page - Analog Devices AD9559PCBZ Datasheet HTML 109Page - Analog Devices AD9559PCBZ Datasheet HTML 110Page - Analog Devices AD9559PCBZ Datasheet HTML 111Page - Analog Devices AD9559PCBZ Datasheet HTML 112Page - Analog Devices AD9559PCBZ Datasheet HTML 113Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 120 page
background image
Data Sheet
AD9559
Rev. 0 | Page 109 of 120
Address
Bits
Bit Name
Description
0x0D09
7
Reserved
Reserved
6
REFB validated
IRQ indicating that REFB has been validated
5
REFB fault cleared
IRQ indicating that REFB has been cleared of a previous fault
4
REFB fault
IRQ indicating that REFB has been faulted
3
Reserved
Reserved
2
REFA validated
IRQ indicating that REFA has been validated
1
REFA fault cleared
IRQ indicating that REFA has been cleared of a previous fault
0
REFA fault
IRQ indicating that REFA has been faulted
0x0D0A
7
Reserved
Reserved
6
REFD validated
IRQ indicating that REFD has been validated
5
REFD fault cleared
IRQ indicating that REFD has been cleared of a previous fault
4
REFD fault
IRQ indicating that REFD has been faulted
3
Reserved
Reserved
2
REFC validated
IRQ indicating that REFC has been validated
1
REFC fault cleared
IRQ indicating that REFC has been cleared of a previous fault
0
REFC fault
IRQ indicating that REFC has been faulted
Table 169. IRQ Monitor for Digital PLL0 (DPLL_0)
Address
Bits
Bit Name
Description
0x0D0B
7
Frequency unclamp
IRQ indicating that DPLL_0 has exited a frequency clamped state
6
Frequency clamp
IRQ indicating that DPLL_0 has entered a frequency clamped state
5
Phase slew unlimited
IRQ indicating that DPLL_0 has exited a phase slew limited state
4
Phase slew limited
IRQ indicating that DPLL_0 has entered a phase slew limited state
3
Frequency unlocked
IRQ indicating that DPLL_0 has lost frequency lock
2
Frequency locked
IRQ indicating that DPLL_0 has acquired frequency lock
1
Phase unlocked
IRQ indicating that DPLL_0 has lost phase lock
0
Phase locked
IRQ indicating that DPLL_0 has acquired phase lock
0x0D0C
7
DPLL_0 switching
IRQ indicating that DPLL_0 is switching to a new reference
6
DPLL_0 free run
IRQ indicating that DPLL_0 has entered free run mode
5
DPLL_0 holdover
IRQ indicating that DPLL_0 has entered holdover mode
4
History updated
IRQ indicating that DPLL_0 has updated its tuning word history
3
REFD activated
IRQ indicating that DPLL_0 has activated REFD
2
REFC activated
IRQ indicating that DPLL_0 has activated REFC
1
REFB activated
IRQ indicating that DPLL_0 has activated REFB
0
REFA activated
IRQ indicating that DPLL_0 has activated REFA
0x0D0D
[7:5]
Reserved
Reserved
4
Sync distribution
IRQ indicating a distribution sync event
3
APLL_0 unlocked
IRQ indicating that APLL_0 has been unlocked
2
APLL_0 locked
IRQ indicating that APLL_0 has been locked
1
APLL_0 cal ended
IRQ indicating that APLL_0 calibration complete
0
APLL_0 cal started
IRQ indicating that APLL_0 calibration started



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com