Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 38 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 38 Page - Analog Devices

Back Button AD6684 Datasheet HTML 34Page - Analog Devices AD6684 Datasheet HTML 35Page - Analog Devices AD6684 Datasheet HTML 36Page - Analog Devices AD6684 Datasheet HTML 37Page - Analog Devices AD6684 Datasheet HTML 38Page - Analog Devices AD6684 Datasheet HTML 39Page - Analog Devices AD6684 Datasheet HTML 40Page - Analog Devices AD6684 Datasheet HTML 41Page - Analog Devices AD6684 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 38 of 107
FREQUENCY TRANSLATION
GENERAL DESCRIPTION
Frequency translation is accomplished by using a 48-bit
complex NCO with a digital quadrature mixer. This stage
translates either a real or complex input signal from an IF to a
baseband complex digital output (carrier frequency = 0 Hz).
The frequency translation stage of each DDC can be controlled
individually and supports four different IF modes using Bits[5:4]
of the DDC control registers (Register 0x0310 and Register 0x0330)
in conjunction with the pair index register (Register 0x0009).
These IF modes are
Variable IF mode
0 Hz IF or zero IF (ZIF) mode
fS/4 Hz IF mode
Test mode
Variable IF Mode
NCO and mixers are enabled. NCO output frequency can be
used to digitally tune the IF frequency.
0 Hz IF (ZIF) Mode
The mixers are bypassed, and the NCO is disabled.
fS/4 Hz IF Mode
The mixers and the NCO are enabled in special downmixing by
fS/4 mode to save power.
Test Mode
Input samples are forced to 0.9599 to positive full scale. The
NCO is enabled. This test mode allows the NCOs to directly
drive the decimation filters.
Figure 75 and Figure 76 show examples of the frequency
translation stage for both real and complex inputs.
BANDWIDTH OF
INTEREST
BANDWIDTH OF
INTEREST IMAGE
NCO FREQUENCY TUNING WORD (FTW) SELECTION
48-BIT NCO FTW = MIXING FREQUENCY/ADC SAMPLE RATE × 248
ADC + DIGITAL MIXER + NCO
REAL INPUT—SAMPLED AT
fS
cos(ωt)
0°
90°
I
Q
ADC
SAMPLING
AT
fS
REAL
REAL
–sin(ωt)
48-BIT
NCO
POSITIVE FTW VALUES
NEGATIVE FTW VALUES
COMPLEX
–6dB LOSS DUE TO
NCO + MIXER
48-BIT NCO FTW =
ROUND ((
fS/3)/fS × 248) =
+9.382513 (0x555555555555)
48-BIT NCO FTW =
ROUND ((–
fS/3)/fS × 248) =
–9.382513 (0xFFFF000000000000)
DC
–
fS/2
–
fS/4
–
fS/8
fS/16
fS/8
fS/4
fS/2
–
fS/16
–
fS/32
fS/32
–
fS/3
fS/3
DC
–
fS/32
fS/32
DC
–
fS/32
fS/32
Figure 75. DDC NCO Frequency Tuning Word Selection—Real Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com