Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 5 Page - Analog Devices

  AD6684 Datasheet HTML 1Page - Analog Devices AD6684 Datasheet HTML 2Page - Analog Devices AD6684 Datasheet HTML 3Page - Analog Devices AD6684 Datasheet HTML 4Page - Analog Devices AD6684 Datasheet HTML 5Page - Analog Devices AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 5 of 107
SPECIFICATIONS
DC SPECIFICATIONS
AVDD1 = 0.975 V, AVDD1_SR = 0.975 V, AVDD2 = 1.8 V, AVDD3 = 2.5 V, DVDD = 0.975 V, DRVDD1 = 0.975 V, DRVDD2 = 1.8 V,
SPIVDD = 1.8 V, specified maximum sampling rate, clock divider = 4, 1.8 V p-p full-scale differential input, 0.5 V internal reference, AIN =
−1.0 dBFS, default SPI settings, unless otherwise noted. Minimum and maximum specifications are guaranteed for the full operating
junction temperature (TJ) range of −40°C to +105°C. Typical specifications represent performance at TJ = 50°C (TA = 25°C).
Table 1.
Parameter
Min
Typ
Max
Unit
RESOLUTION
14
Bits
ACCURACY
No Missing Codes
Guaranteed
Offset Error
0
% FSR
Offset Matching
0
% FSR
Gain Error
−5.0
+5.0
% FSR
Gain Matching
1.0
% FSR
Differential Nonlinearity (DNL)
−0.7
±0.4
+0.7
LSB
Integral Nonlinearity (INL)
−5.1
±1.0
+5.1
LSB
TEMPERATURE DRIFT
Offset Error
8
ppm/
°C
Gain Error
214
ppm/
°C
INTERNAL VOLTAGE REFERENCE
Voltage
0.5
V
INPUT REFERRED NOISE
2.6
LSB rms
ANALOG INPUTS
Differential Input Voltage Range (Programmable)
1.44
1.80
2.16
V p-p
Common-Mode Voltage (VCM)
1.34
V
Differential Input Capacitance
1.75
pF
Differential Input Resistance
200
Ω
Analog Input Full Power Bandwidth
1.4
GHz
POWER SUPPLY1
AVDD1
0.95
0.975
1.00
V
AVDD1_SR
0.95
0.975
1.00
V
AVDD2
1.71
1.8
1.89
V
AVDD3
2.44
2.5
2.56
V
DVDD
0.95
0.975
1.00
V
DRVDD1
0.95
0.975
1.00
V
DRVDD2
1.71
1.8
1.89
V
SPIVDD
1.71
1.8
1.89
V
IAVDD1
319
482
mA
IAVDD1_SR
21
53
mA
IAVDD2
438
473
mA
IAVDD3
87
103
mA
IDVDD2
145
198
mA
IDRVDD1
162
207
mA
IDRVDD2
23
29
mA
ISPIVDD
1
1.6
mA
POWER CONSUMPTION
Total Power Dissipation (Including Output Drivers)2
1.68
1.94
W
Power-Down Dissipation
325
mW
Standby3
1.20
W
1 Power is measured at NSR, 28% bandwidth, L, M, and F = 222.
2 Default mode, no decimation enabled. For each link, L = 2, M = 2, and F = 2.
3 Standby mode is controlled by the SPI.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com