Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 23 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD6684 Datasheet HTML 19Page - Analog Devices AD6684 Datasheet HTML 20Page - Analog Devices AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 23 of 107
THEORY OF OPERATION
ADC ARCHITECTURE
The architecture of the AD6684 consists of an input buffered
pipelined ADC. The input buffer is designed to provide a 200 Ω
termination impedance to the analog input signal. The equivalent
circuit diagram of the analog input termination is shown in
Figure 45.
The input buffer provides a linear high input impedance (for
ease of drive) and reduces kickback from the ADC. The buffer
is optimized for high linearity, low noise, and low power. The
quantized outputs from each stage are combined into a final
14-bit result in the digital correction logic. The pipelined
architecture permits the first stage to operate with a new input
sample while, at the same time, the remaining stages operate
with the preceding samples. Sampling occurs on the rising edge
of the clock.
ANALOG INPUT CONSIDERATIONS
The analog input to the AD6684 is a differential buffer with an
internal common-mode voltage of 1.34 V. The clock signal
alternately switches the input circuit between sample mode and
hold mode. Either a differential capacitor or two single-ended
capacitors can be placed on the inputs to provide a matching
passive network. This configuration ultimately creates a low-pass
filter at the input, which limits unwanted broadband noise. See
Figure 57 and Figure 58 for details on input network recom-
mendations. For more information, see the Analog Dialogue
article “Transformer-Coupled Front-End for Wideband A/D
Converters” (Volume 39, April 2005). In general, the precise
values depend on the application.
For best dynamic performance, the source impedances driving
VIN+x and VIN−x must be matched such that common-mode
settling errors are symmetrical. These errors are reduced by the
common-mode rejection of the ADC. An internal reference
buffer creates a differential reference that defines the span of the
ADC core.
Maximum SNR performance is achieved by setting the ADC to
the largest span in a differential configuration. In the case of the
AD6684, the available span is programmable through the SPI
port from 1.44 V p-p to 2.16 V p-p differential with 1.80 V p-p
differential being the default.
Dither
The AD6684 has internal on-chip dither circuitry that improves
the ADC linearity and SFDR, particularly at smaller signal levels. A
known but random amount of white noise is injected into the
input of the AD6684. This dither improves the small signal linearity
within the ADC transfer function and is precisely subtracted
out digitally. The dither is turned on by default and does not
reduce the ADC input dynamic range. The data sheet specifications
and limits are obtained with the dither turned on. The dither
can be disabled using SPI writes to Register 0x0922. Disabling
the dither can slightly improve the SNR (by about 0.2 dB) at the
expense of the small signal SFDR.
Differential Input Configurations
There are several ways to drive the AD6684, either actively or
passively. However, optimum performance is achieved by
driving the analog input differentially.
For applications where SNR and SFDR are key parameters,
differential transformer coupling is the recommended input
configuration (see Figure 57 and Figure 58) because the noise
performance of most amplifiers is not adequate to achieve the
true performance of the AD6684.
For low to midrange frequencies, a double balun or double
transformer network (see Figure 57) is recommended for
optimum performance of the AD6684. For higher frequencies
in the second or third Nyquist zones, it is recommended to
remove some of the front-end passive components to ensure
wideband operation (see Figure 58).
Input Common Mode
The analog inputs of the AD6684 are internally biased to the
common mode as shown in Figure 56.
For dc-coupled applications, the recommended operation
procedure is to export the common-mode voltage to the
VCM_CD/VREF pin using the SPI writes listed in this section.
The common-mode voltage must be set by the exported value
to ensure proper ADC operation. Disconnect the internal
common-mode buffer from the analog input using
Register 0x1908.
When performing SPI writes for dc coupling operation, use the
following register settings in order:
1.
Set Register 0x1908, Bit 2 to 1; this setting disconnects the
internal common-mode buffer from the analog input.
2.
Set Register 0x18A6 to 0x00; this setting turns off the
voltage reference.
3.
Set Register 0x18E6 to 0x00; this setting turns off the
temperature diode export.
4.
Set Register 0x18E0 to 0x04.
5.
Set Register 0x18E1 to 0x1C.
6.
Set Register 0x18E2 to 0x14.
7.
Set Register 0x18E3, Bit 6 to 0x01; this setting turns on the
VCM export.
8.
Set Register 0x18E3, Bits[5:0] to the buffer current setting
(copy the buffer current setting from Register 0x1A4C and
Register 0x1A4D to improve the accuracy of the common-
mode export).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com