Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 40 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD6684 Datasheet HTML 36Page - Analog Devices AD6684 Datasheet HTML 37Page - Analog Devices AD6684 Datasheet HTML 38Page - Analog Devices AD6684 Datasheet HTML 39Page - Analog Devices AD6684 Datasheet HTML 40Page - Analog Devices AD6684 Datasheet HTML 41Page - Analog Devices AD6684 Datasheet HTML 42Page - Analog Devices AD6684 Datasheet HTML 43Page - Analog Devices AD6684 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 40 of 107
For example, if the ADC sampling frequency (fS) is 500 MSPS
and the carrier frequency (fC) is 140.312 MHz, then
NCO_FTW = round


500
500
,
312
.
140
mod
2
48
=
7.89886 × 1013 Hz
This, in turn, converts to 0x47D in the 48-bit twos complement
representation for NCO_FTW. The actual carrier frequency,
fC_ACTUAL, is calculated based on the following equation:
fC_ACTUAL =
48
2
_
S
f
FTW
NCO
= 140.312 MHz
A 48-bit POW is available for each NCO to create a known phase
relationship between multiple AD6684 chips or individual DDC
channels inside one AD6684 chip.
The POW registers can be updated in the NCO at any time
without disrupting the phase accumulators, allowing phase
adjustments to occur during normal operation. However, the
following procedure must be followed to update the FTW
registers to ensure proper operation of the NCO:
1.
Write to the FTW registers for all the DDCs.
2.
Synchronize the NCOs either through the DDC NCO soft
reset bit (Register 0x0300, Bit 4), which is accessible
through the SPI, or through the assertion of the SYSREF±
pin.
It is important to note that the NCOs must be synchronized
either through the SPI or through the SYSREF± pin after all
writes to the FTW or POW registers are complete. This step
is necessary to ensure the proper operation of the NCO.
NCO Synchronization
Each NCO contains a separate phase accumulator word (PAW).
The initial reset value of each PAW is set to zero, and the phase
increment value of each PAW is determined by the FTW. The
POW is added to the PAW to produce the instantaneous phase
of the NCO. See the Setting Up the NCO FTW and POW section
for more information.
Use the following two methods to synchronize multiple PAWs
within the chip.
Using the SPI. Use the DDC NCO soft reset bit in the DDC
synchronization control register (Register 0x0300, Bit 4) to
reset all the PAWs in the chip. This is accomplished by
setting the DDC NCO soft reset bit high and then setting
this bit low. Note that this method can only be used to
synchronize DDC channels within the same pair (A/B or
C/D) of a AD6684 chip.
Using the SYSREF± pin. When the SYSREF± pin is enabled
in the SYSREF± control registers (Register 0x0120 and
Register 0x0121) and the DDC synchronization is enabled
in the DDC synchronization control register (Register 0x0300,
Bits[1:0]), any subsequent SYSREF± event resets all the
PAWs in the chip. Note that this method can be used to
synchronize DDC channels within the same AD6684 chip
or DDC channels within separate AD6684 chips.
Mixer
The NCO is accompanied by a mixer. Its operation is similar to
an analog quadrature mixer. It performs the downconversion of
input signals (real or complex) by using the NCO frequency as a
local oscillator. For real input signals, this mixer performs a real
mixer operation (with two multipliers). For complex input
signals, the mixer performs a complex mixer operation (with
four multipliers and two adders). The mixer adjusts its operation
based on the input signal (real or complex) provided to each
individual channel. The selection of real or complex inputs can
be controlled individually for each DDC block using Bit 7 of the
DDC control registers (Register 0x0310 and Register 0x0330) in
conjunction with the pair index register (Register 0x0009).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com