Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 67 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices AD6684 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 67 of 107
SYSREF± SETUP/HOLD WINDOW MONITOR
To ensure a valid SYSREF signal capture, the AD6684 has a
SYSREF± setup/hold window monitor. This feature allows the
system designer to determine the location of the SYSREF± signals
relative to the CLK± signals by reading back the amount of
setup/hold margin on the interface through the memory map.
Figure 102 and Figure 103 show the setup and hold status values
for different phases of SYSREF±. The setup detector returns the
status of the SYSREF± signal before the CLK± edge, and the
hold detector returns the status of the SYSREF± signal after the
CLK± edge. Register 0x0128 stores the status of SYSREF± and
lets the user know if the SYSREF± signal is captured by the ADC.
VALID
REG 0x0128[3:0]
CLK±
INPUT
SYSREF±
INPUT
FLIP FLOP
HOLD (MIN)
FLIP FLOP
HOLD (MIN)
FLIP FLOP
SETUP (MIN)
0xF
0xE
0xD
0xC
0xB
0xA
0x9
0x8
0x7
0x6
0x5
0x4
0x3
0x2
0x1
0x0
Figure 102. SYSREF± Setup Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com