Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 26 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices AD6684 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 26 of 107
CLOCK INPUT CONSIDERATIONS
For optimum performance, drive the AD6684 sample clock
inputs (CLK+ and CLK−) with a differential signal. This signal
is typically ac-coupled to the CLK+ and CLK− pins via a
transformer or clock drivers. These pins are biased internally
and require no additional biasing.
Figure 62 shows a preferred method for clocking the AD6684. The
low jitter clock source is converted from a single-ended signal to
a differential signal using an RF transformer.
ADC
CLK+
CLK–
0.1µF
0.1µF
100Ω
50Ω
CLOCK
INPUT
1:1Z
Figure 62. Transformer-Coupled Differential Clock
Another option is to ac couple a differential CML or LVDS
signal to the sample clock input pins, as shown in Figure 63 and
Figure 64.
ADC
CLK+
CLK–
0.1µF
0.1µF
Z0 = 50Ω
Z0 = 50Ω
33Ω
33Ω
71Ω
10pF
3.3V
Figure 63. Differential CML Sample Clock
ADC
CLK+
CLK–
0.1µF
0.1µF
0.1µF
0.1µF
50Ω1
50Ω1
100Ω
CLOCK INPUT
LVDS
DRIVER
CLK+
CLK–
150Ω RESISTORS ARE OPTIONAL.
CLOCK INPUT
Figure 64. Differential LVDS Sample Clock
Clock Duty Cycle Considerations
Typical high speed ADCs use both clock edges to generate a
variety of internal timing signals. The AD6684 contains an
internal clock divider and a duty cycle stabilizer (DCS). In
applications where the clock duty cycle cannot be guaranteed to
be 50%, a higher multiple frequency clock along with the usage
of the clock divider is recommended. When it is not possible to
provide a higher frequency clock, it is recommended to turn on
the DCS using Register 0x011C. The output of the divider offers
a 50% duty cycle, high slew rate (fast edge) clock signal to the
internal ADC. See the Memory Map section for more details on
using this feature.
Input Clock Divider
The AD6684 contains an input clock divider with the ability to
divide the input clock by 1, 2, 4, and 8. The divider ratios can be
selected using Register 0x0108 (see Figure 65).
In applications where the clock input is a multiple of the sample
clock, care must be taken to program the appropriate divider
ratio into the clock divider before applying the clock signal.
This ratio ensures that the current transients during device
startup are controlled.
CLK+
CLK–
÷2
÷4
REG 0x0108
÷8
Figure 65. Clock Divider Circuit
The AD6684 clock divider can be synchronized using the external
SYSREF± input. A valid SYSREF± causes the clock divider to
reset to a programmable state. This synchronization feature
allows multiple devices to have their clock dividers aligned to
guarantee simultaneous input sampling.
Clock Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality of
the clock input. The degradation in SNR at a given input
frequency (fA) due only to aperture jitter (tJ) can be calculated by
SNR = −20 × log (2 × π × fA × tJ)
In this equation, the rms aperture jitter represents the root
mean square of all jitter sources, including the clock input,
analog input signal, and ADC aperture jitter specifications. IF
undersampling applications are particularly sensitive to jitter
(see Figure 66).
130
120
110
100
90
80
70
60
50
40
30
10
100
1000
10000
ANALOG INPUT FREQUENCY (MHz)
12.5
fS
25
fS
50
fS
100
fS
200
fS
400
fS
800
fS
Figure 66. Ideal SNR vs. Analog Input Frequency and Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com