Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 70 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 70 Page - Analog Devices

Back Button AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices AD6684 Datasheet HTML 70Page - Analog Devices AD6684 Datasheet HTML 71Page - Analog Devices AD6684 Datasheet HTML 72Page - Analog Devices AD6684 Datasheet HTML 73Page - Analog Devices AD6684 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 70 of 107
JESD204B BLOCK TEST MODES
In addition to the ADC pipeline test modes, the AD6684 also
has flexible test modes in the JESD204B block. These test modes
are listed in Register 0x0573 and Register 0x0574. These test
patterns can be injected at various points along the output data
-
path. These test injection points are shown in Figure 89. Table 39
describes the various test modes available in the JESD204B
block. For the AD6684, a transition from test modes
(Register 0x0573 ≠ 0x00) to normal mode (Register 0x0573 =
0x00) requires an SPI soft reset. This is done by writing 0x81 to
Register 0x0000 (self cleared).
Transport Layer Sample Test Mode
The transport layer samples are implemented in the AD6684 as
defined by Section 5.1.6.3 in the JEDEC JESD204B specification.
These tests indicated by the value of Register 0x0571, Bit 5. The
test pattern is equivalent to the raw samples from the ADC.
Interface Test Modes
The interface test modes are described in Register 0x0573, Bits[3:0].
These test modes are also explained in Table 39. The interface tests
can be injected at various points along the data. See Figure 89
for more information on the test injection points. Register 0x0573,
Bits[5:4] show where these tests are injected.
Table 40, Table 41, and Table 42 show examples of some of the
test modes when injected at the JESD204B sample input, PHY
10-bit input, and scrambler 8-bit input. In Table 40, Table 41,
and Table 42, UPx represent the user pattern control bits from
the customer register map.
Table 39. JESD204B Interface Test Modes
Output Test Mode
Bit Sequence
Pattern Name
Expression
Default
0000
Off (default)
Not applicable
Not applicable
0001
Alternating checkerboard
0x5555, 0xAAAA, 0x5555, …
Not applicable
0010
1/0 word toggle
0x0000, 0xFFFF, 0x0000, …
Not applicable
0011
31-bit PN sequence
x31 + x28 + 1
0x0003AFFF
0100
23-bit PN sequence
x23 + x18 + 1
0x003AFF
0101
15-bit PN sequence
x15 + x14 + 1
0x03AF
0110
9-bit PN sequence
x9 + x5 + 1
0x092
0111
7-bit PN sequence
x7 + x6 + 1
0x07
1000
Ramp output
(x) % 216
Ramp size depends on test injection point
1110
Continuous/repeat user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then repeat
1111
Single user test
Register 0x0551 to Register 0x0558
User Pattern 1 to User Pattern 4, then zeros
Table 40. JESD204B Sample Input for M = 2, S = 2, N' = 16 (Register 0x0573, Bits[5:4] = 'b00)
Frame
Number
Converter
Number
Sample
Number
Alternating
Checkerboard
1/0 Word
Toggle
Ramp
9-Bit
PN
23-Bit
PN
User Repeat
User Single
0
0
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
0
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
0
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
0
1
1
0x5555
0x0000
(x) % 216
0x496F
0xFF5C
UP1[15:0]
UP1[15:0]
1
0
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
0
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
0
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
1
1
1
0xAAAA
0xFFFF
(x +1) % 216
0xC9A9
0x0029
UP2[15:0]
UP2[15:0]
2
0
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
0
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
0
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
2
1
1
0x5555
0x0000
(x +2) % 216
0x980C
0xB80A
UP3[15:0]
UP3[15:0]
3
0
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
0
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
0
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
3
1
1
0xAAAA
0xFFFF
(x +3) % 216
0x651A
0x3D72
UP4[15:0]
UP4[15:0]
4
0
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
0
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
0
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000
4
1
1
0x5555
0x0000
(x +4) % 216
0x5FD1
0x9B26
UP1[15:0]
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com