Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 48 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 48 Page - Analog Devices

Back Button AD6684 Datasheet HTML 44Page - Analog Devices AD6684 Datasheet HTML 45Page - Analog Devices AD6684 Datasheet HTML 46Page - Analog Devices AD6684 Datasheet HTML 47Page - Analog Devices AD6684 Datasheet HTML 48Page - Analog Devices AD6684 Datasheet HTML 49Page - Analog Devices AD6684 Datasheet HTML 50Page - Analog Devices AD6684 Datasheet HTML 51Page - Analog Devices AD6684 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 48 of 107
Chip
Application
Layer
Chip
Decimation
Ratio
DDC Input
Type
DDC
Output
Type
Bandwidth
Per DDC1
No. of
Virtual
Converters
Required
Register Settings2
Two DDCs
8
Real
Real
5% × fS
2
0x0009 = 0x01, 0x02, or 0x03 (pair selection)
0x0200 = 0x22 (two DDCs; I only selected)
0x0201 = 0x03 (chip decimate by 8)
0x0310, 0x0330 = 0x4A (real mixer; 6 dB gain;
variable IF; real output; HB4 + HB3 + HB2 + HB1
filters)
0x0311 = 0x00 (DDC 0 I input = ADC Channel A/
Channel C; DDC 0 Q input = ADC Channel A/
Channel C)
0x0331 = 0x05 (DDC 1 I input = ADC Channel B/
Channel D; DDC 1 Q input = ADC Channel B/
Channel D)
0x0314, 0x0315, 0x0316, 0x0317, 0x0318, 0x031A,
0x031D, 0x031E, 0x031F, 0x0320, 0x0321, 0x0322 =
FTW and POW set as required by application for
DDC 0
0x0334, 0x0335, 0x0336, 0x0337, 0x0338, 0x033A,
0x033D, 0x033E, 0x033F, 0x0340, 0x0341, 0x0342=
FTW and POW set as required by application for
DDC 1
1 fS is the ADC sample rate. Bandwidths listed are <−0.001 dB of pass-band ripple and >100 dB of stop-band alias rejection.
2 The NCOs must be synchronized either through the SPI or through the SYSREF± pin after all writes to the FTW or POW registers have completed. This is necessary to
ensure the proper operation of the NCO. See the NCO Synchronization section for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com