Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 65 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 65 Page - Analog Devices

Back Button AD6684 Datasheet HTML 61Page - Analog Devices AD6684 Datasheet HTML 62Page - Analog Devices AD6684 Datasheet HTML 63Page - Analog Devices AD6684 Datasheet HTML 64Page - Analog Devices AD6684 Datasheet HTML 65Page - Analog Devices AD6684 Datasheet HTML 66Page - Analog Devices AD6684 Datasheet HTML 67Page - Analog Devices AD6684 Datasheet HTML 68Page - Analog Devices AD6684 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 65 of 107
MULTICHIP SYNCHRONIZATION
The AD6684 has a SYSREF± input that provides flexible options
for synchronizing the internal blocks. The SYSREF± input is a
source synchronous system reference signal that enables multichip
synchronization. The input clock divider, DDCs, signal monitor
block, and JESD204B link can be synchronized using the SYSREF±
input. For the highest level of timing accuracy, SYSREF± must
meet setup and hold requirements relative to the CLK± input.
The flowchart in Figure 101 describes the internal mechanism
for multichip synchronization in the AD6684. The AD6684
supports several features that aid users in meeting the requirements
set out for capturing a SYSREF± signal. The SYSREF sample
event can be defined as either a synchronous low to high transition,
or a synchronous high to low transition. Additionally, the AD6684
allows the SYSREF± signal to be sampled using either the rising
edge or falling edge of the CLK± input. The AD6684 also has the
ability to ignore a programmable number (up to 16) of SYSREF±
events. The SYSREF± control options can be selected using
Register 0x0120 and Register 0x0121.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com