Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 25 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6684 Datasheet HTML 21Page - Analog Devices AD6684 Datasheet HTML 22Page - Analog Devices AD6684 Datasheet HTML 23Page - Analog Devices AD6684 Datasheet HTML 24Page - Analog Devices AD6684 Datasheet HTML 25Page - Analog Devices AD6684 Datasheet HTML 26Page - Analog Devices AD6684 Datasheet HTML 27Page - Analog Devices AD6684 Datasheet HTML 28Page - Analog Devices AD6684 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
Data Sheet
AD6684
Rev. 0 | Page 25 of 107
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
100
150
200
250
300
350
400
450
500
550
600
BUFFER CURRENT SETTING (µA)
Figure 59. AVDD3 Power vs. Buffer Current Setting
In certain high frequency applications, the SFDR can be
improved by reducing the full-scale setting.
Table 9 shows the recommended buffer current settings for the
different analog input frequency ranges.
Table 9. SFDR Optimization for Input Frequencies
Nyquist Zone
Input Buffer Current Control
Setting, Register 0x1A4C and
Register 0x1A4D
First, Second, and Third
Nyquist
240 (Register 0x1A4C, Bits[5:0] =
Register 0x1A4D, Bits[5:0] = 01100)
Fourth Nyquist
400 (Register 0x1A4C, Bits[5:0] =
Register 0x1A4D, Bits[5:0] = 10100)
Absolute Maximum Input Swing
The absolute maximum input swing allowed at the inputs of the
AD6684 is 4.3 V p-p differential. Signals operating near or at
this level can cause permanent damage to the ADC.
VOLTAGE REFERENCE
A stable and accurate 0.5 V voltage reference is built into the
AD6684. This internal 0.5 V reference is used to set the full-
scale input range of the ADC. The full-scale input range can be
adjusted via the ADC function register (Register 0x1910). For
more information on adjusting the input swing, see Table 46.
Figure 60 shows the block diagram of the internal 0.5 V
reference controls.
ADC
CORE
FULL-SCALE
VOLTAGE
ADJUST
VREF PIN
CONTROL SPI
REGISTER
(0x18A6)
VREF
VIN–A/
VIN–B
VIN+A/
VIN+B
INTERNAL
VREF
GENERATOR
INPUT FULL-SCALE
RANGE ADJUST
SPI REGISTER
(0x1910)
Figure 60. Internal Reference Configuration and Controls
The SPI Register 0x18A6 enables the user to either use this
internal 0.5 V reference, or to provide an external 0.5 V
reference. When using an external voltage reference, provide a
0.5 V reference. The full-scale adjustment is made using the SPI,
irrespective of the reference voltage. For more information on
adjusting the full-scale level of the AD6684, refer to the
Memory Map section.
The SPI writes required to use the external voltage reference, in
order, are as follows:
1.
Set Register 0x18E3 to 0x00 to turn off VCM export.
2.
Set Register 0x18E6 to 0x00 to turn off temperature diode
export.
3.
Set Register 0x18A6 to 0x01 to turn on the external voltage
reference.
The use of an external reference may be necessary, in some
applications, to enhance the gain accuracy of the ADC or to
improve thermal drift characteristics.
The external reference has to be a stable 0.5 V reference. The
ADR130 is a good option for providing the 0.5 V reference.
Figure 61 shows how the ADR130 can be used to provide the
external 0.5 V reference to the AD6684. The grayed out areas
show unused blocks within the AD6684 while using the
ADR130 to provide the external reference.
FULL-SCALE
VOLTAGE
ADJUST
VREF
0.1µF
VOUT 4
SET 5
NC 6
VIN
3
GND
2
NC
1
ADR130
0.1µF
INPUT
VREF PIN AND
FULL-SCALE
VOLTAGE
CONTROL
INTERNAL
VREF
GENERATOR
Figure 61. External Reference Using ADR130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com