Electronic Components Datasheet Search
  English  ▼

X  

AD6684 Datasheet(PDF) 10 Page - Analog Devices

Part # AD6684
Description  135 MHz Quad IF Receiver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6684 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD6684 Datasheet HTML 6Page - Analog Devices AD6684 Datasheet HTML 7Page - Analog Devices AD6684 Datasheet HTML 8Page - Analog Devices AD6684 Datasheet HTML 9Page - Analog Devices AD6684 Datasheet HTML 10Page - Analog Devices AD6684 Datasheet HTML 11Page - Analog Devices AD6684 Datasheet HTML 12Page - Analog Devices AD6684 Datasheet HTML 13Page - Analog Devices AD6684 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 107 page
background image
AD6684
Data Sheet
Rev. 0 | Page 10 of 107
Timing Diagrams
N – 53
N – 52
N – 51
N – 50
N – 1
SAMPLE N
N + 1
APERTURE
DELAY
N – 54
CLK+
CLK–
ANALOG
INPUT
SIGNAL
Figure 2. Data Output Timing (NSR Mode, 21%, L, M, F = 222)
CLK+
CLK–
SYSREF+
SYSREF–
tSU_SR
tH_SR
Figure 3. SYSREF± Setup and Hold Timing
DON’T CARE
DON’T CARE
DON’T CARE
DON’T CARE
SDIO
SCLK
tS
tDH
tCLK
tDS
tACCESS
tH
R/W
A14
A13
A12
A11
A10
A9
A8
A7
D7D6D3D2D1D0
tLOW
tHIGH
CSB
Figure 4. Serial Port Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com